Electronic Components Datasheet Search
  English  ▼

X  

TDA9850 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9850
Description  I2C-bus controlled BTSC stereo/SAP decoder
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9850 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9850 Datasheet HTML 1Page - NXP Semiconductors TDA9850 Datasheet HTML 2Page - NXP Semiconductors TDA9850 Datasheet HTML 3Page - NXP Semiconductors TDA9850 Datasheet HTML 4Page - NXP Semiconductors TDA9850 Datasheet HTML 5Page - NXP Semiconductors TDA9850 Datasheet HTML 6Page - NXP Semiconductors TDA9850 Datasheet HTML 7Page - NXP Semiconductors TDA9850 Datasheet HTML 8Page - NXP Semiconductors TDA9850 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
1995 Jun 19
2
Philips Semiconductors
Preliminary specification
I2C-bus controlled BTSC stereo/SAP decoder
TDA9850
FEATURES
• Quasi alignment-free application due to automatic
adjustment of channel separation via I2C-bus
• Dbx noise reduction circuit
• Dbx decoded stereo, Second Audio Program (SAP) or
mono selectable at the AF outputs
• Additional SAP output without dbx, including
de-emphasis
• High integration level with automatically tuned
integrated filters
• Input level adjustment I2C-bus controlled
• Alignment-free SAP processing
• Stereo pilot PLL circuit with ceramic resonator,
automatic adjustment procedure for stereo channel
separation, two pilot thresholds selectable via I2C-bus
• Automatic pilot cancellation
• Composite input noise detector with I2C-bus selectable
thresholds for stereo and SAP off
• I2C-bus transceiver.
GENERAL DESCRIPTION
The TDA9850 is a bipolar-integrated BTSC stereo/SAP
decoder (I2C-bus controlled) for application in TV sets,
VCRs and multimedia.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
8.5
9
9.5
V
ICC
supply current
−
58
75
mA
Vcomp(rms) input signal voltage (RMS value)
100% modulation L + R; fi = 300 Hz −
250
−
mV
VoR(rms);
VoL(rms)
output signal voltage (RMS value) 100% modulation L + R; fi = 300 Hz −
500
−
mV
GLA
input level adjustment control
−3.5
−
+4.0
dB
αcs
stereo channel separation
fL = 300 Hz; fR = 3 kHz
25
35
−
dB
THDL,R
total harmonic distortion L + R
fi = 1 kHz
−
0.2
−
%
S/N
signal-to-noise ratio
500 mV (RMS) mono output signal
CCIR noise weighting filter
(peak value)
−
60
−
dB
DIN noise weighting filter
(RMS value)
−
73
−
dBA
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9850
SDIP32
plastic shrink dual in-line package; 32 leads (400 mil)
SOT232-1
TDA9850T
SO32
plastic small outline package; 32 leads; body width 7.5 mm
SOT287-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com