Electronic Components Datasheet Search
  English  ▼

X  

TDA9853 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9853
Description  I2C-bus controlled economic BTSC stereo decoder and audio processor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9853 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9853 Datasheet HTML 4Page - NXP Semiconductors TDA9853 Datasheet HTML 5Page - NXP Semiconductors TDA9853 Datasheet HTML 6Page - NXP Semiconductors TDA9853 Datasheet HTML 7Page - NXP Semiconductors TDA9853 Datasheet HTML 8Page - NXP Semiconductors TDA9853 Datasheet HTML 9Page - NXP Semiconductors TDA9853 Datasheet HTML 10Page - NXP Semiconductors TDA9853 Datasheet HTML 11Page - NXP Semiconductors TDA9853 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
2000 Dec 11
8
Philips Semiconductors
Product specification
I2C-bus controlled economic BTSC stereo
decoder and audio processor
TDA9853H
Audio processor
SELECTOR
The selector enables the selection of either the internal line
output signals LOR and LOL (dematrix output) or the
external line input signals LIR and LIL (see Table 16). The
input signal capability of the line inputs (LIR/LIL) is
2 V (RMS). The output of the selector is DC-coupled to the
automatic volume level control circuit.
VOLUME
The volume control range is from +12 dB to
−63 dB in
steps of 1 dB and ends with a mute step (see Table 8).
Balance control is achieved by the independent volume
control of each channel.
BASS FUNCTION
A single external 56 nF capacitor for each channel in
combination with a linear operational amplifier and internal
resistors provides a bass range of +12 dB for high bass
and +5 dB for low bass.
TREBLE FUNCTION
Two external capacitors C15 = 3.3 nF and C14 = 150 pF
for each channel in combination with a linear operational
amplifier and internal resistors provide a treble range of
+8 dB for high treble and
−1.5 dB for low treble.
MUTE
The mute function can be activated independently with the
last step of volume control at the left or right output. By
setting the general mute bit GMU the audio outputs OUTL
and OUTR are muted.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Machine model class B, equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor (‘0 Ω’ is actually
0.75
µH+10 Ω).
2. Human body model class B, equivalent to discharging a 100 pF capacitor through a 1500
Ω series resistor.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
9.5
V
VSDA, VSCL
voltage at pins SDA and SCL referenced
to GND
VCC ≤ 9V
−0.3
+VCC
V
VCC >9V
−0.3
+9
V
Vn
voltage of all other pins to GND
0
VCC
V
Tamb
ambient temperature
−20
+70
°C
Tstg
storage temperature
−65
+150
°C
Ves
electrostatic handling voltage
note 1
−200
+200
V
note 2
−2000 +2000 V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
70
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com