Electronic Components Datasheet Search
  English  ▼

X  

TDA9853 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9853
Description  I2C-bus controlled economic BTSC stereo decoder and audio processor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9853 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9853 Datasheet HTML 1Page - NXP Semiconductors TDA9853 Datasheet HTML 2Page - NXP Semiconductors TDA9853 Datasheet HTML 3Page - NXP Semiconductors TDA9853 Datasheet HTML 4Page - NXP Semiconductors TDA9853 Datasheet HTML 5Page - NXP Semiconductors TDA9853 Datasheet HTML 6Page - NXP Semiconductors TDA9853 Datasheet HTML 7Page - NXP Semiconductors TDA9853 Datasheet HTML 8Page - NXP Semiconductors TDA9853 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2000 Dec 11
3
Philips Semiconductors
Product specification
I2C-bus controlled economic BTSC stereo
decoder and audio processor
TDA9853H
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
7.8
8
9
V
ICC
supply current
25
33
45
mA
Vo(rms)
output voltage (RMS value)
composite input voltage 250 mV (RMS)
for 100% modulation L + R
(25 kHz deviation); fmod = 300 Hz
−
500
−
mV
α
csL,R
stereo channel separation
L and R
14% modulation; fL = 300 Hz; fR = 3 kHz 15
20
−
dB
THDL,R
total harmonic distortion
L and R
100% modulation L or R; fmod = 1 kHz
−
0.2
1
%
S/N
signal-to-noise ratio at line out
and at AF output
mono via I2C-bus; referenced to 500 mV
output signal; volume 0 dB
CCIR 468-2 weighted; quasi peak
50
60
−
dB
DIN noise weighting filter (RMS value)
−
73
−
dBA
VI, O(rms)
signal handling (RMS value)
THD < 0.5%
2
−−
V
AVL
AVL control range
−15
−
+6
dB
Gc
volume control range
−63
−
+12
dB
Llinear
linear tone control
−
0
−
dB
Lbass(max)
tone control with maximum
bass
referenced to linear position;
fmod =20Hz
10
12
−
dB
Lbass(min)
tone control with minimum
bass
referenced to linear position;
fmod =20Hz
3.5
5
−
dB
Ltreble(max) tone control with maximum
treble
referenced to linear position;
fmod =20kHz
68
−
dB
Ltreble(min) tone control with minimum
treble
referenced to linear position;
fmod =20kHz
−−1.5
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com