Electronic Components Datasheet Search
  English  ▼

X  

TDA9853 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9853
Description  I2C-bus controlled economic BTSC stereo decoder and audio processor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9853 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9853 Datasheet HTML 1Page - NXP Semiconductors TDA9853 Datasheet HTML 2Page - NXP Semiconductors TDA9853 Datasheet HTML 3Page - NXP Semiconductors TDA9853 Datasheet HTML 4Page - NXP Semiconductors TDA9853 Datasheet HTML 5Page - NXP Semiconductors TDA9853 Datasheet HTML 6Page - NXP Semiconductors TDA9853 Datasheet HTML 7Page - NXP Semiconductors TDA9853 Datasheet HTML 8Page - NXP Semiconductors TDA9853 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2000 Dec 11
2
Philips Semiconductors
Product specification
I2C-bus controlled economic BTSC stereo
decoder and audio processor
TDA9853H
FEATURES
• Voltage Controlled Amplifier (VCA) noise reduction
circuit
• Stereo or mono selectable at the AF outputs
• Stereo pilot PLL circuit with ceramic resonator
• Automatic pilot cancellation
• I2C-bus transceiver.
Audio processor
• Selector for internal and external signals (line in)
• Automatic Volume Level (AVL) control
(control range +6 to
−15 dB)
• Volume control (control range +12 to −63 dB)
• Mute control via I2C-bus
• 4 fixed tone settings.
GENERAL DESCRIPTION
The TDA9853H is a bipolar-integrated BTSC stereo
decoder and audio processor for application in TV sets,
VCRs and multimedia PCs.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9853H
QFP44 plastic quad flat package; 44 leads (lead length 2.35 mm); body 14
× 14 × 2.2 mm SOT205-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com