Electronic Components Datasheet Search
  English  ▼

X  

TDA9880 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9880
Description  Alignment-free multistandard vision and FM sound IF-PLL demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9880 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9880 Datasheet HTML 4Page - NXP Semiconductors TDA9880 Datasheet HTML 5Page - NXP Semiconductors TDA9880 Datasheet HTML 6Page - NXP Semiconductors TDA9880 Datasheet HTML 7Page - NXP Semiconductors TDA9880 Datasheet HTML 8Page - NXP Semiconductors TDA9880 Datasheet HTML 9Page - NXP Semiconductors TDA9880 Datasheet HTML 10Page - NXP Semiconductors TDA9880 Datasheet HTML 11Page - NXP Semiconductors TDA9880 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
1999 Jul 21
8
Philips Semiconductors
Product specification
Alignment-free multistandard vision and
FM sound IF-PLL demodulator
TDA9880
The demodulator output signal is fed via an integrated
low-pass filter for attenuation of the carrier harmonics to
the video amplifier. The video amplifier is realized by an
operational amplifier with internal feedback and high
bandwidth. A low-pass filter is integrated to achieve an
attenuation of the carrier harmonics. The video signal of
1.1 V (p-p) for nominal vision IF modulation is fed
internally to the integrated sound carrier trap as well as to
the VIF-AGC detector. The second stage of the video
amplifier converts and amplifies the differential output
signal from the sound carrier trap to the single-ended
CVBS output signal at pin 13 with a 2 V (p-p) amplitude.
Noise clipping is provided. Furthermore the trap can be
bypassed by the implemented input switch of the second
amplifier stage, forced by connecting pin 12 to ground.
Sound carrier trap
The sound carrier trap consists of a reference filter, a
phase detector and the sound trap itself.
A sound carrier reference signal is fed into the reference
low-pass filter and is shifted by a nominal 90 degrees.
The phase detector compares the original reference signal
with the signal shifted by the reference filter and produces,
at the external capacitor CTR, a DC voltage by charging or
discharging the capacitor with a current proportional to the
phase difference between both signals, respectively to the
frequency error of the integrated filters. The DC voltage is
converted to currents which control the frequency position
of the reference filter and the sound trap.
The sound trap itself is constructed of three separate traps
to realize sufficient suppression of the first and second
sound carrier. The right frequency position of the different
standards is set by the sound carrier reference signal.
Intercarrier mixer
The intercarrier mixer is realized by a multiplier, operating
in quadrature mode for suppression of low frequency video
signals. The VIF amplifier output signal is fed to the
intercarrier mixer and converted to an intercarrier
frequency by the regenerated 90 degree picture carrier
from the VCO. The mixer output signal is fed via a
band-pass filter and amplifier for attenuation of the high
frequency video signal components and carrier harmonics
to the output pin 11. The intercarrier signal is fed also to
the integrated FM demodulator.
FM demodulator and acquisition help
The FM demodulator is realized as a narrow-band PLL
with external loop filter, which provides the necessary
selectivity. To achieve good selectivity, a linear phase
detector and constant input level are required.
The intercarrier signal from the intercarrier mixer is fed via
a gain controlled amplifier to the phase detector and it’s
output signal controls (via the loop filter) the integrated
relaxation oscillator. The possible frequency range is from
4 to 7 MHz. As a result of locking the oscillator frequency
tracks with the FM modulation of the input signal;
therefore, the oscillator control voltage is superimposed by
the AF voltage. In this way the FM-PLL operates as an
FM demodulator. The AF voltage is present at the loop
filter and is fed via a buffer with 0 dB gain to the audio
amplifier.
The digital acquisition help operates in the same way as
described in Section “Digital acquisition help and AFC”.
Audio amplifier
The audio amplifier consists of two parts:
1. The AF preamplifier is an operational amplifier with
internal feedback, high gain and high common mode
rejection. The AF voltage from the PLL demodulator,
by principle a small output signal, is amplified by
30 dB. A DC operating point control circuit (pin 6)
decouples the AF amplifier from the DC voltage of the
PLL. The low-pass characteristic of the amplifier
reduces the harmonics of the intercarrier signal at the
sound output terminal. If required, a de-emphasis
network can be realized by the amplifier output
resistance and an external capacitor.
2. The AF output amplifier (10 dB) provides the required
output level by a rail-to-rail output stage. This amplifier
makes use of an input selector for switching to mute
state, automatically controlled by the mute switching
voltage from the digital acquisition help in order to
avoid lock-in noise. During normal operation the
automatic audio mute function is not active.
Application of a 2.2 k
Ω resistor between the
intercarrier output (pin 11) and ground will activate the
automatic audio mute function.
Internal voltage stabilizer
The band gap circuit internally generates a voltage of
approximately 2.4 V, independent of the supply voltage
and the temperature. A voltage regulator circuit, controlled
by this voltage, produces a constant voltage of 3.55 V
which is used as an internal reference voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com