Electronic Components Datasheet Search
  English  ▼

X  

TDA9880 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9880
Description  Alignment-free multistandard vision and FM sound IF-PLL demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9880 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9880 Datasheet HTML 1Page - NXP Semiconductors TDA9880 Datasheet HTML 2Page - NXP Semiconductors TDA9880 Datasheet HTML 3Page - NXP Semiconductors TDA9880 Datasheet HTML 4Page - NXP Semiconductors TDA9880 Datasheet HTML 5Page - NXP Semiconductors TDA9880 Datasheet HTML 6Page - NXP Semiconductors TDA9880 Datasheet HTML 7Page - NXP Semiconductors TDA9880 Datasheet HTML 8Page - NXP Semiconductors TDA9880 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
1999 Jul 21
4
Philips Semiconductors
Product specification
Alignment-free multistandard vision and
FM sound IF-PLL demodulator
TDA9880
Notes
1. Values of video and sound parameters can be decreased at VP = 4.5 V.
2. The sound carrier frequencies (depending on TV standard) are attenuated by the integrated sound carrier traps
(see Figs 13 to 18);
H (s) is the absolute value of transfer function.
3. S/N is the ratio of black-to-white amplitude to the black level noise voltage (RMS value, pin 13). B = 4.2 MHz
(M/N standard) or B = 5.0 MHz (B/G, I and D/K standard) weighted in accordance with
“CCIR 567”.
4. The intercarrier output signal at pin 11 can be calculated by the following formula taking into account the internal
video signal with 1.1 V (p-p) as a reference:
where:
= correction term for RMS value,
= sound-to-picture carrier ratio at VIF input (pins 1 and 2) in dB,
6 dB = correction term of internal circuitry and
±3 dB = tolerance of video output and intercarrier output amplitude
Vo(intc)(rms).
Bintc(−3dB)(ul)
upper limit
−3 dB intercarrier
bandwidth
7.5
9
−
MHz
Vo(AF)(8)(rms)
audio output signal voltage at pin 8
(RMS value)
25 kHz FM deviation;
75
µs de-emphasis
400
500
600
mV
THD8
total harmonic distortion at pin 8
−
0.15
0.5
%
BAF(−3dB)
−3 dB audio frequency bandwidth
without de-emphasis;
dependent on loop filter at
pin 4
100
120
−
kHz
S/NW(AF)
weighted signal-to-noise ratio of
audio signal
black picture
50
56
−
dB
white picture
45
51
−
dB
6 kHz sine wave
(black-to-white modulation)
40
46
−
dB
sound carrier
subharmonics;
f = 2.25 MHz
±3 kHz
35
40
−
dB
α
AM(sup)
AM suppression of FM demodulator
75
µs de-emphasis;
AM: f = 1 kHz; m = 0.3
referenced to 25 kHz
FM deviation
40
46
−
dB
PSRR8
power supply ripple rejection at pin 8 fripple = 70 Hz; see Fig.9
14
20
−
dB
∆f
FM
frequency window of digital
acquisition help for FM demodulator
−±225
−
kHz
fref(15)
frequency of reference signal at
pin 15
−
4.0
−
MHz
Vref(15)(rms)
amplitude of reference signal source
at pin 15 (RMS value)
operation as input terminal
80
−
400
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
o(intc)(rms)
1.1 V (p-p)
1
22
-----------
×
10
V
iSC
()
V
iPC
()
--------------- dB
() 6 dB 3 dB
±
+
20
----------------------------------------------------------------
×
=
1
22
-----------
V
iSC
()
V
iPC
()
--------------- dB
()



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com