Electronic Components Datasheet Search
  English  ▼

X  

TDA9880 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9880
Description  Alignment-free multistandard vision and FM sound IF-PLL demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9880 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9880 Datasheet HTML 1Page - NXP Semiconductors TDA9880 Datasheet HTML 2Page - NXP Semiconductors TDA9880 Datasheet HTML 3Page - NXP Semiconductors TDA9880 Datasheet HTML 4Page - NXP Semiconductors TDA9880 Datasheet HTML 5Page - NXP Semiconductors TDA9880 Datasheet HTML 6Page - NXP Semiconductors TDA9880 Datasheet HTML 7Page - NXP Semiconductors TDA9880 Datasheet HTML 8Page - NXP Semiconductors TDA9880 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
1999 Jul 21
2
Philips Semiconductors
Product specification
Alignment-free multistandard vision and
FM sound IF-PLL demodulator
TDA9880
FEATURES
• 5 V supply voltage
• Gain controlled wide-band Vision Intermediate
Frequency (VIF) amplifier (AC-coupled)
• True synchronous demodulation with active carrier
regeneration (very linear demodulation, good
intermodulation figures, reduced harmonics and
excellent pulse response)
• Fully integrated VIF Voltage Controlled Oscillator
(VCO), alignment-free
• Digital acquisition help, VIF frequencies of 38.0, 38.9,
45.75 and 58.75 MHz
• 4 MHz reference frequency input [signal from
Phase-Locked Loop (PLL) tuning system] or operating
as crystal oscillator
• VIF Automatic Gain Control (AGC) detector for gain
control, operating as peak sync detector, fast reaction
time
• Precise fully digital Automatic Frequency Control (AFC)
detector with 4-bit digital-to-analog converter
• Fully integrated sound carrier trap for 4.5, 5.5,
6.0 and 6.5 MHz, controlled by reference signal
• Alignment-free selective FM-PLL demodulator with high
linearity and low noise
• Digital frequency control, sound carrier frequencies
4.5, 5.5, 6.0 and 6.5 MHz
• Stabilizer circuit for ripple rejection and to achieve
constant output signals
• Electrostatic discharge (ESD) protection for all pins.
GENERAL DESCRIPTION
The TDA9880(T) is an integrated circuit for multistandard
vision IF signal processing and FM demodulation in TV
and VTR sets.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9880
SDIP20
plastic shrink dual in-line package; 20 leads (300 mil)
SOT325-1
TDA9880T
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com