Electronic Components Datasheet Search
  English  ▼

X  

GSC79L09 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GSC79L09
Description  NEGATIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC79L09 Datasheet(HTML) 3 Page - GTM CORPORATION

  GSC79L09 Datasheet HTML 1Page - GTM CORPORATION GSC79L09 Datasheet HTML 2Page - GTM CORPORATION GSC79L09 Datasheet HTML 3Page - GTM CORPORATION GSC79L09 Datasheet HTML 4Page - GTM CORPORATION GSC79L09 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CORPORATION
GSC79LXX
Page: 3/5
ISSUED DATE :2006/06/26
REVISED DATE :
GSC79L09 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin= -15V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-8.73
-9.0
-9.27
VO
B-Rank (5%)
-8.55
-
-9.45
V
Vin= -15V, Io=40mA, Tj=25 :
-11.5V Vin -24V, 1mA Io 40mA
Vin= -15V, 1mA Io 70mA (Note2)
VO
(Line Regulation)
-
42
200
mV
-11.5V Vin -24V, Io=40mA, Tj=25 :
VO
(Load Regulation)
-
30
90
mV
Vin= -15V, 1mA Io 100mA, Tj=25 :
I
Q
-
-
6.0
mA
Vin= -15V, Io=40mA, Tj=25 :
-
-
0.1
Vin= -15V, 1mA Io 40mA
I
Q
-
-
1.5
mA
-12V Vin -24V, Io=40mA
Vn
-
54
-
V
10Hz f 100KHz
RR
37
46
-
dB
-12V Vin -22V, Io=40mA, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
GSC79L12 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin= -19V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-11.64
-12.0
-12.36
VO
B-Rank (5%)
-11.40
-
-12.60
V
Vin= -19V, Io=40mA, Tj=25 :
-14.5V Vin -27V, 1mA Io 40mA
Vin= -19V, 1mA Io 70mA (Note2)
VO
(Line Regulation)
-
50
250
mV
-14.5V Vin -27V, Io=40mA, Tj=25 :
VO
(Load Regulation)
-
24
100
mV
Vin= -19V, 1mA Io 100mA, Tj=25 :
I
Q
-
-
6.5
mA
Vin= -19V, Io=40mA, Tj=25 :
-
-
0.1
Vin= -19V, 1mA Io 40mA
I
Q
-
-
1.5
mA
-16V Vin -27V, Io=40mA
Vn
-
80
-
V
10Hz f 100KHz
RR
37
42
-
dB
-15V Vin -25V, Io=40mA, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
GSC79L15 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin= -23V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-14.55
-15.0
-15.45
VO
B-Rank (5%)
-14.25
-
-15.75
V
Vin= -23V, Io=40mA, Tj=25 :
-17.5V Vin -30V, 1mA Io 40mA
Vin= -23V, 1mA Io 70mA (Note2)
VO
(Line Regulation)
-
65
300
mV
-17.5V Vin -30V, Io=40mA, Tj=25 :
VO
(Load Regulation)
-
25
150
mV
Vin= -23V, 1mA Io 100mA, Tj=25 :
I
Q
-
-
6.5
mA
Vin= -23V, Io=40mA, Tj=25 :
-
-
0.1
Vin= -23V, 1mA Io 40mA
I
Q
-
-
1.5
mA
-20V Vin -30V, Io=40mA
Vn
-
90
-
V
10Hz f 100KHz
RR
34
39
-
dB
-18.5V Vin -28.5V, Io=40mA, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com