Electronic Components Datasheet Search
  English  ▼

X  

GSC79L09 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSC79L09
Description  NEGATIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC79L09 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSC79L09 Datasheet HTML 1Page - GTM CORPORATION GSC79L09 Datasheet HTML 2Page - GTM CORPORATION GSC79L09 Datasheet HTML 3Page - GTM CORPORATION GSC79L09 Datasheet HTML 4Page - GTM CORPORATION GSC79L09 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CORPORATION
GSC79LXX
Page: 1/5
ISSUED DATE :2006/06/26
REVISED DATE :
G
G S
S C
C 7799L
L X
X X
X
NEGATIVE VOLTAGE REGULATOR
Description
The GSC79LXX series of fixed-voltage monolithic integrated circuit voltage regulators are designed for a wide
range of applications. These applications include on-card regulation for elimination of noise and distribution
problems associated with single-point regulation. In addition, they can be used with power-pass elements to
make high current voltage regulators. Each of these regulators can deliver up to 100mA of output current. The
internal limiting and thermal shutdown features of these regulators make them essentially immune to overload.
When used as a replacement for a Zener diode-resistor combination, an effective improvement in output
impedance can be obtained together with lower-bias current.
Features
&Fixed output voltage of -5V, -6V, -8V,-9V, -12V, -15V, -18V, -24V
&Internal Short-Circuit Current Limiting
&Internal Thermal Overload Protection
&No External Components Required
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Absolute Maximum Ratings
Parameter
Ratings
Unit
GSC79L05 ~ 09
-30
V
GSC79L12 ~ 18
-35
V
I
nput voltage
GSC79L24
-40
V
Output current
100
mA
Operating junction temperature range
0 ~ 125
:
Storage temperature range
-65 ~ 150
:
Power Dissipation
750*
mW
*When tested in free air condition, without heat sinking.
Pb Free Plating Product


Similar Part No. - GSC79L09

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSC7811 GTM-GSC7811 Datasheet
287Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSC78L05 GTM-GSC78L05 Datasheet
129Kb / 2P
surface mount device regulator
GSC78L05 GTM-GSC78L05 Datasheet
333Kb / 6P
POSITIVE VOLTAGE REGULATOR
GSC78L10 GTM-GSC78L10 Datasheet
333Kb / 6P
POSITIVE VOLTAGE REGULATOR
GSC78L12 GTM-GSC78L12 Datasheet
333Kb / 6P
POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GSC79L09

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1714 AIC-AIC1714 Datasheet
162Kb / 5P
Negative Voltage Regulator
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
Negative Voltage Regulator
January 26, 2000
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
Negative Voltage Regulator
logo
Silicon Standard Corp.
SS6714 SSC-SS6714 Datasheet
94Kb / 5P
Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
Negative Voltage Regulator
S79L24 SECOS-S79L24 Datasheet
643Kb / 2P
Negative Voltage Regulator
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L24 SECOS-S79L24_15 Datasheet
643Kb / 2P
Negative Voltage Regulator
S79LXX SECOS-S79LXX_15 Datasheet
720Kb / 5P
Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com