Electronic Components Datasheet Search
  English  ▼

X  

GSC79L09 Datasheet(PDF) 4 Page - GTM CORPORATION

Part # GSC79L09
Description  NEGATIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSC79L09 Datasheet(HTML) 4 Page - GTM CORPORATION

  GSC79L09 Datasheet HTML 1Page - GTM CORPORATION GSC79L09 Datasheet HTML 2Page - GTM CORPORATION GSC79L09 Datasheet HTML 3Page - GTM CORPORATION GSC79L09 Datasheet HTML 4Page - GTM CORPORATION GSC79L09 Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CORPORATION
GSC79LXX
Page: 4/5
ISSUED DATE :2006/06/26
REVISED DATE :
GSC79L18 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin= -27V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-17.46
-18.0
-18.54
VO
B-Rank (5%)
-17.10
-
-18.9
V
Vin= -27V, Io=40mA, Tj=25 :
-20.5V Vin -33V, 1mA Io 40mA
Vin= -27V, 1mA Io 70mA (Note2)
VO
(Line Regulation)
-
70
300
mV
-20.5V Vin -33V, Io=40mA, Tj=25 :
VO
(Load Regulation)
-
27
170
mV
Vin= -27V, 1mA Io 100mA, Tj=25 :
I
Q
-
-
6.5
mA
Vin= -27V, Io=40mA, Tj=25 :
-
-
0.1
Vin= -27V, 1mA Io 40mA
I
Q
-
-
1.5
mA
-21V Vin -33V, Io=40mA
Vn
-
150
-
V
10Hz f 100KHz
RR
33
48
-
dB
-23V Vin -33V, Io=40mA, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
GSC79L24 (Refer to the test circuits, Tj=0~125 : , Io=40mA, Vin= -33V, Cin=0.33 F, Co=0.1 F unless otherwise specified) (Note1)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
A-Rank (3%)
-23.28
-24.0
-24.72
VO
B-Rank (5%)
-22.80
-
-25.20
V
Vin= -33V, Io=40mA ,Tj=25 :
-27V Vin -38V, 1mA Io 40mA
Vin= -33V, 1mA Io 70mA (Note2)
VO
(Line Regulation)
-
90
350
mV
-27V Vin -38V, Io=40mA, Tj=25 :
VO
(Load Regulation)
-
40
200
mV
Vin= -33V, 1mA Io 100mA, Tj=25 :
I
Q
-
-
6.5
mA
Vin= -33V, Io=40mA, Tj=25 :
-
-
0.1
Vin= -33V, 1mA Io 40mA
I
Q
-
-
1.5
mA
-28V Vin -38V, Io=40mA
Vn
-
200
-
V
10Hz f 100KHz
RR
31
47
-
dB
-29V Vin -35V, Io=40mA, f=120Hz, Tj=25 :
VD
-
1.7
-
V
I
o=100mA, Tj=25 :
Note1: The Maximum steady state usable output current is dependent on input voltage, heat sinking, lead length of the package and
copper of PCB. The data above represent pulse test conditions with junction temperatures specified at the initiation of test.
Note2: Power dissipation<0.75W
Typical Application



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com