Electronic Components Datasheet Search
  English  ▼

X  

CLRC632 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # CLRC632
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC632 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button CLRC632 Datasheet HTML 35Page - NXP Semiconductors CLRC632 Datasheet HTML 36Page - NXP Semiconductors CLRC632 Datasheet HTML 37Page - NXP Semiconductors CLRC632 Datasheet HTML 38Page - NXP Semiconductors CLRC632 Datasheet HTML 39Page - NXP Semiconductors CLRC632 Datasheet HTML 40Page - NXP Semiconductors CLRC632 Datasheet HTML 41Page - NXP Semiconductors CLRC632 Datasheet HTML 42Page - NXP Semiconductors CLRC632 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
39
Confidential
5.2.3.3
CwConductance Register
Selects the conductance of the antenna driver pins TX1 and TX2.
Name: CwConductance
Address: 0x12
Reset value: 00111111, 0x3F
7
6
5
4
3
2
1
0
0
0
GsCfgCW
Access
Rights
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7-6
00
These values shall not be changed
5-0
GsCfgCW
The value of this register defines the conductance of the output driver. This may
be used to regulate the output power and subsequently current consumption and
operating distance.
Note: For detailed information about GsCfgCW see 13.3