Electronic Components Datasheet Search
  English  ▼

X  

CLRC632 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # CLRC632
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC632 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button CLRC632 Datasheet HTML 93Page - NXP Semiconductors CLRC632 Datasheet HTML 94Page - NXP Semiconductors CLRC632 Datasheet HTML 95Page - NXP Semiconductors CLRC632 Datasheet HTML 96Page - NXP Semiconductors CLRC632 Datasheet HTML 97Page - NXP Semiconductors CLRC632 Datasheet HTML 98Page - NXP Semiconductors CLRC632 Datasheet HTML 99Page - NXP Semiconductors CLRC632 Datasheet HTML 100Page - NXP Semiconductors CLRC632 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
97
Confidential
12 OSCILLATOR CIRCUITRY
The clock applied to the CL RC632 acts as time basis for the coder and decoder of the synchronous system.
Therefore stability of the clock frequency is an important factor for proper performance. To obtain highest
performance, clock jitter has to be as small as possible. This is best achieved by using the internal oscillator
buffer with the recommended circuitry. If an external clock source is used, the clock signal has to be applied
to pin OSCIN. In this case special care for clock duty cycle and clock jitter is needed and the clock quality
has to be verified. It needs to be in accordance with the specifications in chapter 22.5.3.
Remark: We do not recommend to use an external clock source.
15 pF
15 pF
13.56 MHz
OSCOUT
OSCIN
MF RC531
Figure 12-1: Quartz Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com