Electronic Components Datasheet Search
  English  ▼

X  

CLRC632 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # CLRC632
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC632 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button CLRC632 Datasheet HTML 25Page - NXP Semiconductors CLRC632 Datasheet HTML 26Page - NXP Semiconductors CLRC632 Datasheet HTML 27Page - NXP Semiconductors CLRC632 Datasheet HTML 28Page - NXP Semiconductors CLRC632 Datasheet HTML 29Page - NXP Semiconductors CLRC632 Datasheet HTML 30Page - NXP Semiconductors CLRC632 Datasheet HTML 31Page - NXP Semiconductors CLRC632 Datasheet HTML 32Page - NXP Semiconductors CLRC632 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
29
Confidential
5.2.1.7
InterruptEn Register
Control bits to enable and disable passing of interrupt requests.
Name: InterruptEn
Address: 0x06
Reset value: 00000000, 0x00
7
6
5
4
3
2
1
0
SetIEn
0
TimerIEn
TxIEn
RxIEn
IdleIEn
HiAlertIEn
LoAlertIEn
Access
Rights
w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Description of the bits
Bit
Symbol
Function
7
SetIEn
Set to 1 SetIEn defines that the marked bits in the InterruptEn Register are set,
Set to 0 clears the marked bits.
6
0
Reserved for future use.
5
TimerIEn
Allows the timer interrupt request (indicated by bit TimerIRq) to be propagated to
pin IRQ. This bit can not be set or cleared directly but only by means of bit SetIEn.
4
TxIEn
Allows the transmitter interrupt request (indicated by bit TxIRq) to be propagated
to pin IRQ. This bit can not be set or cleared directly but only by means of bit
SetIEn.
3
RxIEn
Allows the receiver interrupt request (indicated by bit RxIRq) to be propagated to
pin IRQ. This bit can not be set or cleared directly but only by means of bit SetIEn.
2
IdleIEn
Allows the idle interrupt request (indicated by bit IdleIRq) to be propagated to pin
IRQ. This bit can not be set or cleared directly but only by means of bit SetIEn.
1
HiAlertIEn
Allows the high alert interrupt request (indicated by bit HiAlertIRq) to be
propagated to pin IRQ. This bit can not be set or cleared directly but only by
means of bit SetIEn.
0
LoAlertIEn
Allows the low alert interrupt request (indicated by bit LoAlertIRq) to be
propagated to pin IRQ. This bit can not be set or cleared directly but only by
means of bit SetIEn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com