Electronic Components Datasheet Search
  English  ▼

X  

GSCLP2951 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GSCLP2951
Description  1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSCLP2951 Datasheet(HTML) 2 Page - GTM CORPORATION

  GSCLP2951 Datasheet HTML 1Page - GTM CORPORATION GSCLP2951 Datasheet HTML 2Page - GTM CORPORATION GSCLP2951 Datasheet HTML 3Page - GTM CORPORATION GSCLP2951 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GSCLP2950
Page: 2/4
ISSUED DATE :2005/11/30
REVISED DATE :
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Input Voltage
VCC
-0.3 ~ +30
V
Output Current
IOUT
100
mA
Feedback Input Voltage
VFB
-1.5 ~ +30
V
Shutdown Input Voltage
VSD
-0.3 ~ +30
V
Error Comparator Output
VCO
-0.3 ~ +30
V
Storage Temperature
Tstg
-65 ~ +150
:
Maximum Junction Temperature
Tjmax
150
:
Operating Junction Temperature
Tj
-55 ~ +150
:
Electrical Characteristics (Ta=25 : , VIN=15V, unless otherwise specified) (Note2)
Parameter
Condition
Min
TYP
Max
Unit
GLP2950-2H
2.793
2.85
2.907
GLP2950-30
2.940
3.00
3.060
GLP2950-33
3.234
3.30
3.366
Output Voltage
GLP2950-50
100 A IO 100mA
TJ TJMAX
4.900
5.00
5.100
V
Line Regulation (Note3)
VO+1 VIN 30V (Note4)
-
0.04
0.4
%
Load Regulation (Note3)
100 A IO 100mA
-
0.1
0.3
%
Current Limit
VOUT=0
-
160
200
mA
Output Voltage Temperature Coefficient (Note1)
-
50
150
ppm/ :
IO
=100 A
-
50
80
Dropout Voltage (Note5)
IO
=100mA
-
380
450
mV
IO
=100 A
-
75
120
A
Ground Current
IO
=100mA
-
8
12
mA
Dropout Ground Current
VIN=VO-0.5V, IO=100 A
-
110
170
A
Thermal Regulator
-
0.05
0.2
%/W
CL=1 F
-
430
-
CL=200 F
-
160
-
Output Voltage Noise
f=10Hz~100kHz
CL=3.3 F (Bypass=0.01 F pins 7 to 1)
-
100
-
Vrms
Reference Voltage
1.210 1.235 1.260
V
Reference Voltage
Over Temperature(Note6)
1.185
1.285
V
Feedback pin Bias Current
-
20
40
nA
Reference Voltage Temperature
Coefficient
(Note1)
-
50
-
ppm/ :
Feedback pin Bias Current Temperature
Coefficient
-
0.1
-
nA / :
Error Comparator
Output Leakage Current
VOh=30V
-
0.01
1.0
A
Output Low Voltage
VIN=4.5V, IOL=400 A
-
150
250
mV
Upper Threshold Voltage
(Note7)
40
60
-
mV
Low Threshold Voltage
(Note7)
-
75
95
mV
Hysteresis
(Note7)
-
15
-
mV
Shutdown Input
Low (Regulator ON)
-
1.3
0.7
Input Logic Voltage
High (Regulator OFF)
2
-
-
V
VS=2.4V
-
30
50
Shutdown pin Input Current
VS=30V
-
450
600
A
VOUT=5.0V
-
3
10
3.3V VOUT<5.0V
-
-
20
Regulator Output Current in Shutdown
(Note8)
2.0V VOUT<3.30V
-
-
30
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com