Electronic Components Datasheet Search
  English  ▼

X  

GSCLP2951 Datasheet(PDF) 3 Page - GTM CORPORATION

Part # GSCLP2951
Description  1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSCLP2951 Datasheet(HTML) 3 Page - GTM CORPORATION

  GSCLP2951 Datasheet HTML 1Page - GTM CORPORATION GSCLP2951 Datasheet HTML 2Page - GTM CORPORATION GSCLP2951 Datasheet HTML 3Page - GTM CORPORATION GSCLP2951 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GSCLP2950
Page: 3/4
ISSUED DATE :2005/11/30
REVISED DATE :
Note 1: Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature
range.
Note 2: Unless otherwise specified all limits guaranteed for Tj=25 : , Vin =Vo+1V, IL=100uA and CL=1uF. Additional conditions are
feedback tied to GSCLP2951-XX tap and output tied to Sense (Vout=XX V) and Vshutdown 0.8V.
Note 3: Regulations is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage
due to heating effects are covered under the specification for thermal regulation.
Note 4: Line regulation for GSCLP2951-XX is tested at 150 : for IL=1mA. For IL=100uA and Tj=125 : , line regulation is guaranteed by
design to 0.2%. See typical performance characteristics for line regulation versus temperature and load current.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below its nominal value
measured at 1V differential. At very low values of programmed output voltage, the minimum input supply voltage of 2V (2.3V over
temperature) must be taken into account.
Note 6: Vref Vout (Vin-1V), 2.3V Vin 30V, 100uA IL 100mA, Tj Tjmax.
Note 7: Comparator thresholds are expressed in terms of a voltage differential at the feedback terminal below the nominal reference
voltage measured at Vo + 1V input. To express these thresholds in terms of output voltage change, multiply by the error amplifier
gain = Vout/Vref = (R1+R2)/R2. For example, at a programmed output voltage of 5V, the error output is guaranteed to go low when
the output drops by 95mV x 5V/1.235V=384mV. Thresholds remain constant as a percent of Vout as Vout is varied, with the
dropout warning occurring at typical 5% below nominal, 7.5% guaranteed.
Note 8: Vshutdown 2V, Vin 30V, Vout=0, Feed-back pin tied to –XX V Tap.
Characteristics Curve
Fig 3. Dropout Voltage
Fig 4. Ground Pin Current
Fig 1. Dropout Characteristics
Fig 2. Input Current



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com