Electronic Components Datasheet Search
  English  ▼

X  

GSCLP2951 Datasheet(PDF) 1 Page - GTM CORPORATION

Part # GSCLP2951
Description  1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSCLP2951 Datasheet(HTML) 1 Page - GTM CORPORATION

  GSCLP2951 Datasheet HTML 1Page - GTM CORPORATION GSCLP2951 Datasheet HTML 2Page - GTM CORPORATION GSCLP2951 Datasheet HTML 3Page - GTM CORPORATION GSCLP2951 Datasheet HTML 4Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GSCLP2950
Page: 1/4
ISSUED DATE :2005/11/30
REVISED DATE :
G
G S
S C
C L
L P
P 22995511
11 00 00 m
m A
A L
L o
o w
w -- D
D rr o
o p
p o
o u
u tt V
V o
o ll tt aa g
g ee R
R ee g
g u
u ll aa tt o
o rr
Description
The GSCLP2951 is a low power voltage regulator. This device excellent choice for use in battery powered
application such as cordless telephone, radio control systems, and portable computers. The device features
very low quiescent current (75uA Typ.) and very low drop output voltage (Typ. 40mV at light load and 380mV at
100mA). This includes a tight initial tolerance of 0.5% typ., extremely good load and line regulation of 0.05%
typ., and very low output temperature coefficient, marking the part useful as a low-power voltage reference.
The error flag output feature is used as power-on reset for warns of a low output voltage, due to following
batteries on input. Other feature is the logic-compatible shutdown input which enable the regulator to be
switched on and off. The regulator output voltage may be pin-strapped for fixed output voltage or programmed
from 1.24V to 29V with external pair of resistors.
Features
&High accuracy output voltage
&Extremely low quiescent current and dropout voltage
&Extremely tight load and line regulation
&Current and thermal Limiting
&Very low temperature coefficient
&Error flag warns of output dropout
&Logic-Controlled electronic shutdown
Applications
&Battery powered equipment
&Cellular Phones
&Portable/Palm top/Notebook computers
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
5.80
6.20
M
0.10
0.25
B
4.80
5.00
H
0.35
0.49
C
3.80
4.00
L
1.35
1.75
D
0°
8°
J
0.375 REF.
E
0.40
0.90
K
45°
F
0.19
0.25
G
1.27 TYP.
Block Diagram and Typical Applications


Similar Part No. - GSCLP2951

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GSCLP2951 ETL-GSCLP2951 Datasheet
228Kb / 4P
1 0 0 m A L o w - D r o p o u t Vo l t a g e R e g u l a t o r
More results

Similar Description - GSCLP2951

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G5U2188 GTM-G5U2188 Datasheet
540Kb / 7P
1.5A CMOS Low Dropout Voltage Regulator
GL2138 GTM-GL2138 Datasheet
432Kb / 5P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GL2148 GTM-GL2148 Datasheet
436Kb / 5P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2118 GTM-GSC2118 Datasheet
543Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2138 GTM-GSC2138 Datasheet
543Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
GSC2139 GTM-GSC2139 Datasheet
516Kb / 7P
1.5A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5J2188 SECOS-S5J2188 Datasheet
1Mb / 7P
1.5A CMOS Low Dropout Voltage Regulator
S5U2188 SECOS-S5U2188 Datasheet
1Mb / 7P
1.5A CMOS Low Dropout Voltage Regulator
logo
Power Analog Micoelectr...
PAM3110 PAM-PAM3110 Datasheet
575Kb / 13P
1.5A Low Dropout Voltage CMOS Regulator
PAM3116 PAM-PAM3116 Datasheet
322Kb / 11P
1.5A Low Dropout Voltage CMOS Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com