Electronic Components Datasheet Search
  English  ▼

X  

MIC860 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC860
Description  Teeny??Ultra Low Power Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC860 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC860 Datasheet HTML 4Page - Micrel Semiconductor MIC860 Datasheet HTML 5Page - Micrel Semiconductor MIC860 Datasheet HTML 6Page - Micrel Semiconductor MIC860 Datasheet HTML 7Page - Micrel Semiconductor MIC860 Datasheet HTML 8Page - Micrel Semiconductor MIC860 Datasheet HTML 9Page - Micrel Semiconductor MIC860 Datasheet HTML 10Page - Micrel Semiconductor MIC860 Datasheet HTML 11Page - Micrel Semiconductor MIC860 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
February 2006
11
M9999-022706
MIC860
Micrel, Inc.
Applications Information
Power Supply Bypassing
Regular supply bypassing techniques are recommended.
A 10µF capacitor in parallel with a 0.1µF capacitor on both
the positive and negative supplies are ideal. For best perfor-
mance all bypassing capacitors should be located as close
to the op amp as possible and all capacitors should be low
ESL (equivalent series inductance), ESR (equivalent series
resistance). Surface-mount ceramic capacitors are ideal.
Supply and Loading Considerations
The MIC860 is intended for single supply applications con-
figured with a grounded load. It is not advisable to operate
the MIC860 with either:
1). A grounded load and split supplies (+/-V) or
2). A single supply where the load is terminated above
ground.
Under the above conditions, if the load is less than 20kOhm
and the output swing is greater than 1V(peak), there may be
some instability when the output is sinking current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com