Electronic Components Datasheet Search
  English  ▼

X  

MIC860 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC860
Description  Teeny??Ultra Low Power Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC860 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC860 Datasheet HTML 1Page - Micrel Semiconductor MIC860 Datasheet HTML 2Page - Micrel Semiconductor MIC860 Datasheet HTML 3Page - Micrel Semiconductor MIC860 Datasheet HTML 4Page - Micrel Semiconductor MIC860 Datasheet HTML 5Page - Micrel Semiconductor MIC860 Datasheet HTML 6Page - Micrel Semiconductor MIC860 Datasheet HTML 7Page - Micrel Semiconductor MIC860 Datasheet HTML 8Page - Micrel Semiconductor MIC860 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
February 2006
3
M9999-022706
MIC860
Micrel, Inc.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOUT
Maximum Output Voltage Swing
RL = 5k
V+–75mV V+–37mV
V
RL = 500k
V+–35mV V+–4mV
V
VOUT
Minimum Output Voltage Swing
RL = 5k
V–+14mV
V–+ 40mV
mV
RL = 500k
V–+0.4mV
V–+ 5mV
mV
GBW
Gain-Bandwidth Product
4
MHz
SR
Slew Rate
3
V/µs
ISC
Short-Circuit Output Current
Source
15
23
mA
Sink
30
47
mA
IS
Supply Current
No Load
33
55
µA
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. Pin 4 is ESD sensetive
Note 4. Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in particular, input bias current is
likely to increase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com