Electronic Components Datasheet Search
  English  ▼

X  

MIC860 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC860
Description  Teeny??Ultra Low Power Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC860 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC860 Datasheet HTML 1Page - Micrel Semiconductor MIC860 Datasheet HTML 2Page - Micrel Semiconductor MIC860 Datasheet HTML 3Page - Micrel Semiconductor MIC860 Datasheet HTML 4Page - Micrel Semiconductor MIC860 Datasheet HTML 5Page - Micrel Semiconductor MIC860 Datasheet HTML 6Page - Micrel Semiconductor MIC860 Datasheet HTML 7Page - Micrel Semiconductor MIC860 Datasheet HTML 8Page - Micrel Semiconductor MIC860 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC860
Micrel, Inc.
M9999-022706
2
February 2006
Absolute Maximum Ratings (Note 1)
Supply Voltage (VV+ – V–)..........................................+6.0V
Differentail Input Voltage (VIN+ – VIN–), Note 4 ......+6.0V
Input Voltage (VIN+ – VIN–) ...................V+ + 0.3V, V– –0.3V
Lead Temperature (soldering, 5 sec.)........................ 260°C
Output Short Circuit Current Duration ...................Indefinite
Storage Temperature (TS) ......................................... 150°C
ESD Rating,
Note 3
Operating Ratings (Note 2)
Supply Voltage (V+ – V–) ........................ +2.43V to +5.25V
Ambient Temperature Range...................... –40°C to +85°C
Package Thermal Resistance................................ 450°C/W
Electrical Characteristics
V+ = +2.7V, V– = 0V, VCM = V+/2; RL= 500kΩ to V+/2; TA= 25°C, unless otherwise noted. Bold values indicate –40°C≤ TA≤ +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VOS
Input Offset Voltage
–20
–5
15
mV
–25
20
mV
Input Offset Voltage Temp Coefficient
20
µV/°C
IB
Input Bias Current
20
pA
IOS
Input Offset Current
10
pA
VCM
Input Voltage Range
CMRR > 60dB
1
1.8
V
CMRR
Common-Mode Rejection Ratio
0 < VCM < 1.35V
38
76
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change of 3V
40
78
dB
AVOL
Large-Signal Voltage Gain
RL = 5k, VOUT 2V peak to peak
50
66
dB
RL = 100k, VOUT 2V peak to peak
66
81
dB
RL = 500k, VOUT 2V peak to peak
76
91
dB
VOUT
Maximum Output Voltage Swing
RL = 5k
V+–70mV V+–34mV
V
RL = 500k
V+–2mV V+–0.7mV
V
VOUT
Minimum Output Voltage Swing
RL = 5k
V–+11mV
V–+ 50mV
mV
RL = 500k
V–+0.2mV
V–+ 2mV
mV
GBW
Gain-Bandwidth Product
4
MHz
SR
Slew Rate
3
V/µs
ISC
Short-Circuit Output Current
Source
4.5
6
mA
Sink
10
16
mA
IS
Supply Current
No Load
30
50
µA
V+= +5V, V–= 0V, VCM= V+/2; RL= 500kΩ to V+/2; TA= 25°C, unless otherwise noted. Bold values indicate –40°C≤ TA≤ +85°C.
VOS
Input Offset Voltage
–20
–5
20
mV
Input Offset Voltage Temp Coefficient
20
µV/°C
IB
Input Bias Current
20
pA
IOS
Input Offset Current
10
pA
VCM
Input Voltage Range
CMRR > 60dB
3.5
4.2
V
CMRR
Common-Mode Rejection Ratio
0 < VCM < 3.5V
44
77
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change of 1V
40
79
dB
AVOL
Large-Signal Voltage Gain
RL = 5k, VOUT 4.8V peak to peak
52
66
dB
RL = 100k, VOUT 4.8V peak to peak
67
80
dB
RL = 500k, VOUT 4.8V peak to peak
75
90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com