Electronic Components Datasheet Search
  English  ▼

X  

MIC2159 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2159
Description  SYNCHRONOUS-itty??Step-Down Converter IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2159 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2159 Datasheet HTML 2Page - Micrel Semiconductor MIC2159 Datasheet HTML 3Page - Micrel Semiconductor MIC2159 Datasheet HTML 4Page - Micrel Semiconductor MIC2159 Datasheet HTML 5Page - Micrel Semiconductor MIC2159 Datasheet HTML 6Page - Micrel Semiconductor MIC2159 Datasheet HTML 7Page - Micrel Semiconductor MIC2159 Datasheet HTML 8Page - Micrel Semiconductor MIC2159 Datasheet HTML 9Page - Micrel Semiconductor MIC2159 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Micrel
MIC2159
October 2006
6
M9999-101206
Block Diagram
MIC2159 Block Diagram
Functional Description
The MIC2159 is a voltage mode, synchronous step-
down switching regulator controller designed for high
power. Current limit is implemented without the use of an
external sense resistor. It includes an internal soft-start
function which reduces the power supply input surge
current at start-up by controlling the output voltage rise
time, a PWM generator, a reference voltage, two
MOSFET drivers, and short-circuit current limiting
circuitry to form a complete 400kHz switching regulator.
Theory of Operation
The MIC2159 is a voltage mode step-down regulator.
The figure above illustrates the block diagram for the
voltage control loop. The output voltage variation due to
load or line changes will be sensed by the inverting input
of the transconductance error amplifier via the feedback
resistors R3, and R2 and compared to a reference
voltage at the non-inverting input. This will cause a
small change in the DC voltage level at the output of the
error amplifier which is the input to the PWM
comparator. The other input to the comparator is a 1v
triangular waveform. The comparator generates a
rectangular waveform whose width tON is equal to the
time from the start of the clock cycle t0 until t1, the time
the triangle crosses the output waveform of the error
amplifier. To illustrate the control loop, assume the
output voltage drops due to sudden load turn-on, this
would cause the inverting input of the error amplifier,
which is the divided down version of VOUT, to be slightly
less than the reference voltage, causing the output
voltage of the error amplifier to go high. This will cause
the PWM comparator to increase tON time of the top side
MOSFET, causing the output voltage to go up and
bringing VOUT back in regulation. If this sudden load
transient was large enough to cause a 3% change in
output voltage, then the output of the Hysteretic
comparator will bypass the PWM comparator and drive
the LSD and HSD outputs at full Duty cycle in order to
recover the nominal output voltage in the fastest manner
possible whilst fixed frequency PWM switching is
maintained during normal loading.
Soft-Start
The COMP/EN pin on the MIC2159 is used for the
following three functions:
1. Disables the part by grounding this pin.
2. External compensation to stabilize the voltage
control loop.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com