Electronic Components Datasheet Search
  English  ▼

X  

MIC2159 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2159
Description  SYNCHRONOUS-itty??Step-Down Converter IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2159 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2159 Datasheet HTML 4Page - Micrel Semiconductor MIC2159 Datasheet HTML 5Page - Micrel Semiconductor MIC2159 Datasheet HTML 6Page - Micrel Semiconductor MIC2159 Datasheet HTML 7Page - Micrel Semiconductor MIC2159 Datasheet HTML 8Page - Micrel Semiconductor MIC2159 Datasheet HTML 9Page - Micrel Semiconductor MIC2159 Datasheet HTML 10Page - Micrel Semiconductor MIC2159 Datasheet HTML 11Page - Micrel Semiconductor MIC2159 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Micrel
MIC2159
October 2006
8
M9999-101206
2.9V to 5V.
MOSFET Gate Drive
The MIC2159 high-side drive circuit is designed to
switch an N-Channel MOSFET. The Functional Block
Diagram shows a bootstrap circuit, consisting of D1 and
CBST. This circuit supplies energy to the high-side drive
circuit. Capacitor CBST circuit is charged while the low-
side MOSFET is on and the voltage on the VSW pin is
approximately 0V. When the high-side MOSFET driver is
turned on, energy from CBST is used to turn the MOSFET
on. As the MOSFET turns on, the voltage on the VSW
pin increases to approximately VIN. Diode D1 is
reversed biased and CBST floats high while continuing to
keep the high-side MOSFET on. When the low-side
switch is turned back on, CBST is recharged through D1.
The drive voltage is derived from the internal 5V VDD
bias supply. The nominal low-side gate drive voltage is
5V and the nominal high-side gate drive voltage is
approximately 4.5V due the voltage drop across D1. An
approximate 50ns delay between the low-side(off) to
high-side(on) driver transitions is used to prevent current
from simultaneously flowing unimpeded through both
MOSFETs (shoot-through). Adaptive gate drive is
implemented on the high-side(off) to low-side(on) driver
transition to reduce losses in the flywheel diode and to
prevent shoot-through. This is operated by detecting the
VSW pin; once this pin is detected to reach 1.5v, the
high-side MOSFET can be assumed to be off and the
low side driver is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com