Electronic Components Datasheet Search
  English  ▼

X  

MIC2159 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2159
Description  SYNCHRONOUS-itty??Step-Down Converter IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2159 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2159 Datasheet HTML 6Page - Micrel Semiconductor MIC2159 Datasheet HTML 7Page - Micrel Semiconductor MIC2159 Datasheet HTML 8Page - Micrel Semiconductor MIC2159 Datasheet HTML 9Page - Micrel Semiconductor MIC2159 Datasheet HTML 10Page - Micrel Semiconductor MIC2159 Datasheet HTML 11Page - Micrel Semiconductor MIC2159 Datasheet HTML 12Page - Micrel Semiconductor MIC2159 Datasheet HTML 13Page - Micrel Semiconductor MIC2159 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Micrel
MIC2159
October 2006
10
M9999-101206
inductance values are used with higher input voltages.
Larger peak-to-peak ripple currents will increase the
power dissipation in the inductor and MOSFETs. Larger
output ripple currents will also require more output
capacitance to smooth out the larger ripple current.
Smaller peak-to-peak ripple currents require a larger
inductance value and therefore a larger and more
expensive inductor. A good compromise between size,
loss and cost is to set the inductor ripple current to be
equal to 20% of the maximum output current. The
inductance value is calculated by the equation below.
(
)
(max)
(max)
(max)
2
.
0
OUT
S
IN
OUT
IN
OUT
I
F
V
V
V
V
L
⋅
⋅
⋅
−
⋅
=
where:
FS = switching frequency, 400 kHz
0.2 = ratio of AC ripple current to DC output
current
VIN(max) = maximum input voltage
The peak-to-peak inductor current (AC ripple
current) is:
L
F
V
V
V
V
I
S
IN
OUT
IN
OUT
PP
.
.
)
.(
(max)
(max) −
=
The peak inductor current is equal to the average output
current plus one half of the peak-to-peak inductor ripple
current.
IPK = IOUT(max)+0.5 x IPP
The RMS inductor current is used to calculate the I2R
losses in the inductor.
2
(max)
(max)
3
1
1
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
⋅
+
⋅
=
OUT
PK
OUT
INDUCTOR
I
I
I
I
Maximizing efficiency requires the proper selection of
core material and minimizing the winding resistance. The
high frequency operation of the MIC2159 requires the
use of ferrite materials for all but the most cost sensitive
applications.
Lower cost iron powder cores may be used but the
increase in core loss will reduce the efficiency of the
power supply. This is especially noticeable at low output
power. The winding resistance decreases efficiency at
the higher output current levels. The winding resistance
must be minimized although this usually comes at the
expense of a larger inductor. The power dissipated in the
inductor is equal to the sum of the core and copper
losses. At higher output loads, the core losses are
usually insignificant and can be ignored. At lower output
currents, the core losses can be a significant contributor.
Core loss information is usually available from the
magnetics vendor. Copper loss in the inductor is
calculated by the equation below:
WINDING
rms
INDUCTOR
INDUCTOR
R
I
P
Cu
.
2
)
(
=
The resistance of the copper wire, RWINDING,
increases with temperature. The value of the winding
resistance used should be at the operating temperature.
(
)
(
)
C
HOT
C
WINDING
hot
WINDING
o
o
T
T
R
R
20
)
20
(
)
(
0042
.
0
1
−
⋅
+
⋅
=
Where:
THOT = temperature of wire under full load
T20
o
C = ambient temperature
RWINDING(20oC) = room temperature winding
resistance (usually specified by manufacturer)
Output Capacitor Selection
The output capacitor values are usually determined by
the capacitors ESR (equivalent series resistance).
Voltage and RMS current capability are two other
important factors for selecting the output capacitor.
Recommended capacitors are tantalum, low-ESR
aluminium electrolytic, and POSCAPS. The output
capacitor’s ESR is usually the main cause of output
ripple. The output capacitor ESR also affects the overall
voltage feedback loop from a stability point of view. See
“Feedback Loop Compensation” section for more
information. The maximum value of ESR is calculated:
PP
OUT
ESR
I
V
R
∆
≤
Where:
VOUT = peak-to-peak output voltage ripple
IPP = peak-to-peak inductor ripple current
The total output ripple is a combination of the
ESR and output capacitance. The total ripple
is calculated below:
()2
2
)
1
(
ESR
PP
S
OUT
PP
OUT
R
I
F
C
D
I
V
⋅
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
⋅
−
⋅
=
∆
Where:
D = duty cycle
COUT = output capacitance value
fS = switching frequency
The voltage rating of the capacitor should be
twice the voltage for a tantalum and 20%
greater for aluminium electrolytic. The output
capacitor RMS current is calculated below:
12
)
(
PP
C
I
I
rms
OUT
=
The power dissipated in the output capacitor is:
)
(
2
)
(
)
(
OUT
OUT
C
ESR
rms
OUT
C
C
DISS
R
I
P
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com