Electronic Components Datasheet Search
  English  ▼

X  

DS96F174 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F174
Description  RS-485 COMPARABLE QUAD DIFFERENTIAL DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F174 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS96F174 Datasheet HTML 1Page - National Semiconductor (TI) DS96F174 Datasheet HTML 2Page - National Semiconductor (TI) DS96F174 Datasheet HTML 3Page - National Semiconductor (TI) DS96F174 Datasheet HTML 4Page - National Semiconductor (TI) DS96F174 Datasheet HTML 5Page - National Semiconductor (TI) DS96F174 Datasheet HTML 6Page - National Semiconductor (TI) DS96F174 Datasheet HTML 7Page - National Semiconductor (TI) DS96F174 Datasheet HTML 8Page - National Semiconductor (TI) DS96F174 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MICROCIRCUIT DATA SHEET
MNDS96F174M-X REV 1B0
(Absolute Maximum Ratings)
Supply Voltage
7.0V
Enable Input Voltage
5.5V
Maximum Power Dissipation at 25 C
(Note 1, 2, 3)
2000mW
E pkg
1800mW
J pkg
1000mW
W pkg
Storage Temperature Range
-65 C to + 175 C
Lead Temperature Ceramic Dip
300 C
(Soldering, 60 sec.)
Note 1:
Derate W Pkg 7.1 mW/C above 25C.
Note 2:
Derate E Pkg 13.3 mW/C above 25C.
Note 3:
Derate J Pkg 12.5 mW/C above 25C.
Recommended Operating Conditions
Output Current Low (Iol)
60mA
Output Current High (Ioh)
-60mA
Supply Voltage (Vcc)
Min=4.50V Typ=5.0V, Max=5.5V
Common Mode Output Voltage (Voc)
Min=-7.0V, Max=+12.0V
Operating Temperature (Ta)
Min=-55,Typ=+25,Max=+125c
3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com