Electronic Components Datasheet Search
  English  ▼

X  

DS96F174 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F174
Description  RS-485 COMPARABLE QUAD DIFFERENTIAL DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F174 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS96F174 Datasheet HTML 1Page - National Semiconductor (TI) DS96F174 Datasheet HTML 2Page - National Semiconductor (TI) DS96F174 Datasheet HTML 3Page - National Semiconductor (TI) DS96F174 Datasheet HTML 4Page - National Semiconductor (TI) DS96F174 Datasheet HTML 5Page - National Semiconductor (TI) DS96F174 Datasheet HTML 6Page - National Semiconductor (TI) DS96F174 Datasheet HTML 7Page - National Semiconductor (TI) DS96F174 Datasheet HTML 8Page - National Semiconductor (TI) DS96F174 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MNDS96F174M-X REV 1B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
VCC = 5.5V
AC:
VCC = 5.0V
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
VIL
Logical 0 Input
Voltage
.8
V
1
.7
V
2, 3
VIH
Logical 1 Input
Voltage
2
V
1, 2,
3
VIC
Input Clamp
Voltage
I = -18mA
-1.5
V
1, 2,
3
VOD1
Differential
Output Voltage
IO = 0mA
6
V
1, 2,
3
VOD2 (1)
Differential
Output Voltage
VCC = 4.5V, RL = 54 ohms
1.5
V
1, 2
1.2
V
3
VOD2 (2)
Differential
Output Voltage
VCC = 4.5V, RL = 100 ohms
2.0
V
1, 2,
3
Delta VOD
(1)
Change In
Magnitude of
(VOD2)
VCC = 4.5V, RL = 54 ohms
-200
200
mV
1, 2
-400
400
mV
3
Delta VOD
(2)
Change In
Magnitude of
(VOD2)
VCC = 4.5V, RL = 100 ohms
-200
200
mV
1, 2
-400
400
mV
3
VOC (1)
Common Mode
Output Voltage
RL = 54 ohms
3
V
1, 2,
3
VOC (2)
Common Mode
Output Voltage
RL = 100 ohms
3
V
1, 2,
3
Delta VOC
(1)
Change in
Magnitude of VOC
VCC = 4.5V, RL = 54 ohms
-200
200
mV
1, 2,
3
Delta VOC
(2)
Change in
Magnitude of VOC
VCC = 4.5V, RL = 100 ohms
-200
200
mV
1, 2,
3
IO
Output Current
With Power Off
VCC = 0V, VO = -7V to 12V
-50
50
uA
1, 2,
3
IOZ
High Impedance
State Output
Current
VO = -7V to 12V
-50
50
uA
1, 2,
3
IIH
Logical 1 Input
Current
VI = 2.4V
20
uA
1, 2,
3
IIL
Logical 0 Input
Current
VI = 0.4V
-50
uA
1, 2,
3
ICC
Supply Current
Outputs Enabled
50
mA
1, 2,
3
ICCX
Supply Current
Outputs Disabled
30
mA
1, 2,
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com