Electronic Components Datasheet Search
  English  ▼

X  

DS96F174 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96F174
Description  RS-485 COMPARABLE QUAD DIFFERENTIAL DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96F174 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS96F174 Datasheet HTML 1Page - National Semiconductor (TI) DS96F174 Datasheet HTML 2Page - National Semiconductor (TI) DS96F174 Datasheet HTML 3Page - National Semiconductor (TI) DS96F174 Datasheet HTML 4Page - National Semiconductor (TI) DS96F174 Datasheet HTML 5Page - National Semiconductor (TI) DS96F174 Datasheet HTML 6Page - National Semiconductor (TI) DS96F174 Datasheet HTML 7Page - National Semiconductor (TI) DS96F174 Datasheet HTML 8Page - National Semiconductor (TI) DS96F174 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Original Creation Date: 06/19/95
Last Update Date: 10/23/01
Last Major Revision Date: 06/19/95
MNDS96F174M-X REV 1B0
MICROCIRCUIT DATA SHEET
RS-485 COMPARABLE QUAD DIFFERENTIAL DRIVER
General Description
The DS96F174 is a high speed quad differential line driver designed to meet EIA Standard
RS-485.
The DS96F174 offers improved performance due to the use of new, state-of-the-art
L-FAST bipolar technology.
The L-FAST technology allows for higher speeds and lower
currents by utilizing extremely short gate delay times.
Thus, the DS96F174 features lower
power, extended temperature range, improved RS-485 specifications.
The DS96F174 has wide positive and negative common mode range for multipoint applications
in noisy environments. Positive and negative current-limiting is provided to protect the
driver from line fault conditions over a + 12V to -7v common mode range. The DS96F174
features separate active high Enables for each driver pair.
NS Part Numbers
DS96F174ME/883
DS96F174MJ-QMLV
DS96F174MJ/883
DS96F174MW/883
Industry Part Number
DS96F174
Prime Die
DS96M174
Controlling Document
SEE FEATURES SECTION
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - DS96F174

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F174 NSC-DS96F174 Datasheet
717Kb / 11P
EIA-485/EIA-422 Quad Differential Drivers
DS96F174C NSC-DS96F174C Datasheet
717Kb / 11P
EIA-485/EIA-422 Quad Differential Drivers
DS96F174CJ NSC-DS96F174CJ Datasheet
328Kb / 12P
Quad Differential Drivers
DS96F174CN NSC-DS96F174CN Datasheet
328Kb / 12P
Quad Differential Drivers
DS96F174CN NSC-DS96F174CN Datasheet
717Kb / 11P
EIA-485/EIA-422 Quad Differential Drivers
More results

Similar Description - DS96F174

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96172 NSC-DS96172 Datasheet
209Kb / 6P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 NSC-DS96173 Datasheet
173Kb / 6P
RS-485/RS-422 Quad Differential Line Receivers
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
RS-485/RS-422 Differential Bus Transceiver
logo
Sipex Corporation
SP495 SIPEX-SP495 Datasheet
60Kb / 6P
Quad Differential RS-485 Transceiver
SP495 SIPEX-SP495 Datasheet
60Kb / 6P
Quad Differential RS-485 Transceiver
logo
Texas Instruments
SN65LBC174A-EP TI1-SN65LBC174A-EP Datasheet
552Kb / 19P
QUADRUPLE RS-485 DIFFERENTIAL LINE DRIVER
DS96172 TI1-DS96172_15 Datasheet
770Kb / 13P
RS-485/RS-422 Quad Differential Line Drivers
DS96173 TI1-DS96173_15 Datasheet
747Kb / 11P
RS-485/RS-422 Quad Differential Line Receivers
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
RS-485/RS-422 Differential Bus Transceiver
SN65LBC174A-EP TI1-SN65LBC174A-EP_V01 Datasheet
1Mb / 32P
SN65LBC174A-EP Quadruple RS-485 Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com