Electronic Components Datasheet Search
  English  ▼

X  

MIC3000BML Datasheet(PDF) 64 Page - Micrel Semiconductor

Part # MIC3000BML
Description  SFP Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 64 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 60Page - Micrel Semiconductor MIC3000BML Datasheet HTML 61Page - Micrel Semiconductor MIC3000BML Datasheet HTML 62Page - Micrel Semiconductor MIC3000BML Datasheet HTML 63Page - Micrel Semiconductor MIC3000BML Datasheet HTML 64Page - Micrel Semiconductor MIC3000BML Datasheet HTML 65Page - Micrel Semiconductor MIC3000BML Datasheet HTML 66Page - Micrel Semiconductor MIC3000BML Datasheet HTML 67Page - Micrel Semiconductor MIC3000BML Datasheet HTML 68Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 64 / 68 page
background image
MIC3000
Micrel
M9999-101204
64
October 2004
SY89307 5.0V/ 3.3V 2.5Gbps VCSEL Driver
The modulation level of the SY89307 driver is controlled by
the voltage applied to the VCTRL pin (Type (c) above). The
circuit shown in Figure 31 allows the MIC3000’s V
MOD output
to control the SY89307’s output swing. VCTRL is simply the
DAC output voltage. The circuit operates as a DAC-con-
trolled voltage source. See section above on SY88912 for
R
FLTR, CFLTR.
MODDAC
MODREF bit = 1
MIC3000
SY89307
RFLTR
1k
VEE
VCTRL
VCC
VMOD–
VDDA
VMOD+
GNDA
CFLTR
100nF
VDD(1)
Note:
1.
Bypass capacitors not shown for clarity.
Figure 31. Controlling the SY89307
Modulation Current
Laser Drivers Programmed via a Sink Current
The modulation level of some laser diode drivers is controlled
by a current sourced out of the RSET pin (Type (b) above).
The circuit shown in Figure 32 allows the MIC3000’s VMOD
outputs to control the set current, ISET. The circuit operates as
a DAC-controlled current sink. The current sink is formed by
the VMOD buffer amplifier, external transistor, and current
sense resistor. The op-amp acts to force the voltage drop
across RSET to be equal to the DAC output voltage.
The current through RSET is therefore regulated as
IRSET = VMOD+/RSET. ISET is given by the equation:
I
VMOD
R1
SET
SET
=
+
⎛
⎝
⎜
⎞
⎠
⎟
+
⎛
⎝
⎜
⎞
⎠
⎟
β
β
(8)
where β is the DC gain of Q1
The higher the gain of the transistor, the closer ISET will be to
the current in RSET. RFLTR and CFLTR act to eliminate any
noise that might be present on VDDA or VMOD. The values
shown give a 100µs time constant. See section above on
SY88912 for RFLTR, CFLTR and SHDN.
MODDAC
MODREF bit = 1
MIC3000
LD Driver
RSET
ISET
IMOD
×23
RFLTR
1k
SHDN
/EN
GND
VDD
RSET
VMOD–
Optional - see text
VDDA
VMOD+
GNDA
Q1
2N3906
VDD(1)
CFLTR
100nF
Notes:
1.
Bypass capacitors not shown for clarity
Figure 32. Controlling the Modulation Current
via a Sink Current
Drivers With Monitor Outputs
Laser diode driver ICs have been introduced with monitor
outputs. These outputs provide ground-referred signals that
mirror critical signals like laser bias current, modulation
current or monitor photodiode current, an analog of transmit-
ted power. Generally, these outputs source a current into an
external resistor to generate a ground referenced voltage.
Using these outputs with the MIC3000 is straightforward
since the MIC3000’s VILD+/– and VMPD inputs are polarity
programmable,
Shutdown Output
The shutdown output, SHDN, can be used in two ways: as an
enable or on/off control for the laser driver IC, and/or to control
a redundant switch in the laser current path. The redundant
switch provides a means for the MIC3000 to shut off the laser
current even if the bias transistor or modulator is damaged or
fails. SHDN is active any time the MIC3000 shuts down the
laser, i.e., if the TXDISABLE function is asserted in hardware
or software, or if the fault detection circuits trigger laser
shutdown. The shutdown output, SHDN, is essentially a logic
output with programmable polarity. The programmable polar-
ity allows SHDN to drive either high-side or low-side switches
or active-high or active-low enable inputs without the need for
external inversion circuits. If an active-low and an active-high
shutdown signal are required, an external inverter will be
necessary. Examples of redundant switch circuits are shown
in Figure 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com