Electronic Components Datasheet Search
  English  ▼

X  

MIC3000BML Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC3000BML
Description  SFP Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 7Page - Micrel Semiconductor MIC3000BML Datasheet HTML 8Page - Micrel Semiconductor MIC3000BML Datasheet HTML 9Page - Micrel Semiconductor MIC3000BML Datasheet HTML 10Page - Micrel Semiconductor MIC3000BML Datasheet HTML 11Page - Micrel Semiconductor MIC3000BML Datasheet HTML 12Page - Micrel Semiconductor MIC3000BML Datasheet HTML 13Page - Micrel Semiconductor MIC3000BML Datasheet HTML 14Page - Micrel Semiconductor MIC3000BML Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
October 2004
11
M9999-101204
MIC3000
Micrel
Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Serial Data I/O Pin, DATA
VOL
Low Output Voltage
IOL = 3mA
0.4
V
IOL = 6mA
0.6
V
VIL
Low Input Voltage
0.8
V
VIH
High Input Voltage
2.1
V
I
LEAK
Input Current
±1
µA
C
IN
Input Capacitance
Note 4
10
pF
Serial Clock Input, CLK
V
IL
Low Input Voltage
2.7V ≤ VDD ≤ 3.6V
0.8
V
VIH
High Input Voltage
2.7V ≤ VDD ≤ 3.6V
2.1
V
ILEAK
Input Current
±1
µA
CIN
Input Capacitance
Note 4
10
pF
Serial Interface Timing(4)
t
1
CLK (clock) Period
2.5
µs
t
2
Data in Setup Time to CLK High
100
ns
t
3
Data Out Stable After CLK Low
300
ns
t
4
DATA Low Setup Time to CLK Low
Start Condition
100
ns
t5
DATA High Hold Time After CLK High Stop Condition
100
ns
tDATA
Data Ready Time
From power on to completion of one set of
400
ms
ADC conversions; analog data available via
serial interface.
t
TO
BUS Timeout
CLK Low
25
30
35
ms
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended.
4. Guaranteed by design and/or testing of related parameters. Not 100% tested in production.
5. The MIC3000 will attempt to enter its shutdown state when VDD falls below VUVLO. This operation requires time to complete. If the supply voltage falls
too rapidly, the operation may not be completed.
6. Does not include quantization error.
7. Final test on outgoing product is performed at TA = +25°C.
8. The MIC3000 will not respond to serial bus transactions during an EEPROM write-cycle. The host will receive a NACK during t
WR.
Timing Diagram
t1
t4
t2
t5
t3
DATA
(Output)
DATA
(Input)
CLK
Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com