Electronic Components Datasheet Search
  English  ▼

X  

MIC3000BML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC3000BML
Description  SFP Management IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3000BML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC3000BML Datasheet HTML 5Page - Micrel Semiconductor MIC3000BML Datasheet HTML 6Page - Micrel Semiconductor MIC3000BML Datasheet HTML 7Page - Micrel Semiconductor MIC3000BML Datasheet HTML 8Page - Micrel Semiconductor MIC3000BML Datasheet HTML 9Page - Micrel Semiconductor MIC3000BML Datasheet HTML 10Page - Micrel Semiconductor MIC3000BML Datasheet HTML 11Page - Micrel Semiconductor MIC3000BML Datasheet HTML 12Page - Micrel Semiconductor MIC3000BML Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
October 2004
9
M9999-101204
MIC3000
Micrel
Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
MOD Buffer Op-Amp, VMOD+, VMOD–
GBW
Gain Bandwidth
CCOMP = 20pF; Gain = 1
1
MHz
TC
VOS
Input Offset Voltage Temperature
1
µV/°C
Coefficient
IBIAS
VMOD – Input Current
±0.1
±1
µA
V
OUT
Output Voltage Swing
I
OUT = ±1mA
GNDA+75
V
DDA–75
mV
I
SC
Output Short-Circuit Current
35
mA
tSC
Short Circuit Withstand Time
TJ ≤ 150°C
(4)
∞∞
∞
sec
PSRR
Power Supply Rejection Ratio
C
COMP = 20pF; Gain = 1, to GND
65
dB
C
COMP = 20pF; Gain = 1, to VDD
44
dB
AMIN
Minimum Stable Gain
CCOMP = 20pF
1
V/V
∆V/∆T
Slew Rate
C
COMP = 20pF; Gain = 1
1
V/µs
CIN
Pin Capacitance
10
pF
Control and Status I/O, TXDISABLE, TXFAULT, RSIN, RSOUT, SHDN, RXLOS, /INT
VIL
Low Input Voltage
0.8
V
VIH
High Input Voltage
2.0
V
V
OL
Low Output Voltage
I
OL ≤ 3mA
0.3
V
V
OH
High Output Voltage
I
OH ≤ 3mA
V
DDD–0.3
V
(applies to SHDN only)
I
LEAK
Input Current
±1
µA
C
IN
Input Capacitance
10
pF
Transmit Optical Power Input, V
MPD
V
IN
Input Voltage Range
Note 4
GNDA
V
DDA
V
VRX
Input Signal Range
BIASREF=0
0VREF
V
BIASREF=1
VDDA–VREF
VDDA
V
CIN
Input Capacitance
Note 4
10
pF
ILEAK
Input Current
±1
µA
Received Optical Power Input, VRX, RXPOT
Input Voltage Range
Note 4
GNDA
V
DDA
V
V
RX
Valid Input Signal Range
0V
REF
V
(ADC Input Range)
C
IN
Input Capacitance
Note 4
10
pF
I
LEAK
Input Current
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com