Electronic Components Datasheet Search
  English  ▼

X  

GQM1555C2DR10WB01 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd

Part # GQM1555C2DR10WB01
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GQM1555C2DR10WB01 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd

  GQM1555C2DR10WB01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
■ Specifications and Test Methods
No
Item
Specification
Test Method(Ref. Standard:JIS C 5101 (all parts), IEC60384 (all parts))
10
11
12
13
14
15
Rated Voltage
Charge/discharge current
50mA max.
Post-treatment
Non treatment:Let sit for 24+/-2hours at room temperature, then measure.
High Temperature High
Humidity (Steady)
Appearance
No defects or abnormalities.
Mounting method
Solder the capacitor on the test substrate
Capacitance Change
Within +/-0.75pF
Test Temperature
40+/-2℃
Q or D.F.
Q≧100+10C/3 C:Nominal Capacitance(pF)
Test Humidity
90%RH to 95%RH
I.R.
More than 500MΩ
Test Time
500+/-12h
Test Voltage
Post-treatment
Non treatment:Let sit for 24+/-2hours at room temperature, then measure.
Temperature Sudden
Change
Appearance
No defects or abnormalities.
Mounting method
Solder the capacitor on the test substrate
Capacitance Change
Within +/-0.25pF
Cycles
5cycles
Q or D.F.
Within the specified initial value.
Temperature Cycling
I.R.
Within the specified initial value.
Voltage proof
No defects or abnormalities.
120℃ to 150℃
Preheat time
1 min
Post-treatment
Non treatment:Let sit for 24+/-2hours at room temperature, then measure.
Resistance to Soldering
Heat
Appearance
No defects or abnormalities.
Test Method
Solder bath method
Capacitance Change
Within +/-0.25pF
Kind of Solder
Sn-3.0Ag-0.5Cu(Lead Free Solder)
Q or D.F.
Within the specified initial value.
Test Temperature
270+/-5℃
I.R.
Within the specified initial value.
Test Time
10+/-0.5s
Voltage proof
No defects or abnormalities.
Preheat Temperature
Solderability
95% of the terminations is to be soldered evenly and continuously.
Test Method
Solder bath method
Flux
Solution of rosin ethanol 25(mass)%
Preheat
80℃ to 120℃、10s to 30s
Kind of Solder
Sn-3.0Ag-0.5Cu(Lead Free Solder)
Test Temperature
245+/-5℃
Test Time
2+/-0.5s
Substrate Bending test
Appearance
No defects or abnormalities.
Mounting method
Reflow solder the capacitor on the test substrate
Capacitance Change
Within +/-0.5pF
Pressurization Method
Shown in Fig.2
Flexure
1mm
Holding Time
5+/-1s
This motion should be applied for a period of 2hours in each 3 mutually
perpendicular directions(total of 6hours).
Vibration
Appearance
No defects or abnormalities.
Mounting method
Solder the capacitor on the test substrate
Capacitance
Within the specified initial value.
Kind of Vibration
A simple harmonic motion 10Hz to 55Hz to 10Hz
Q or D.F.
Within the specified initial value.
Vibration Time
1min
Total amplitude
1.5mm
Vibration directions and time
GQM1555C2DR10WB01-01A
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com