Electronic Components Datasheet Search
  English  ▼

X  

GQM1555C2DR10WB01 Datasheet(PDF) 22 Page - Murata Manufacturing Co., Ltd

Part # GQM1555C2DR10WB01
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GQM1555C2DR10WB01 Datasheet(HTML) 22 Page - Murata Manufacturing Co., Ltd

Back Button GQM1555C2DR10WB01 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
(2) Example of a Disc Separator
An outline of a disc separator is shown as follows. As shown in the Principle of Operation, the top blade and bottom blade are aligned with the V-grooves on the printed circuit board to separate the board.
In the following case, board deflection stress will be applied and cause cracks in the capacitors.
(1) When the adjustment of the top and bottom blades are misaligned, such as deviating in the top-bottom, left-right or front-rear directions
(2) The angle of the V groove is too low, depth of the V groove is too shallow, or the V groove is misaligned top-bottom
If V groove is too deep, it is possible to brake when you handle and carry it. Carefully design depth of the V groove with consideration about strength of material of the printed circuit board.
[ Principle of Operation ]
[ Cross-section Diagram ]
[ Disc Separator ]
[ V-groove Design ]
(3) Example of Router Type Separator
The router type separator performs cutting by a router rotating at a high speed. Since the board does not bend in the cutting process, stress on the board can be suppressed during board separation.
When attaching or removing boards to/from the router type separator, carefully handle the boards to prevent bending.
Example of Recommended
V-groove Design
Not Recommended
Left-right Misalignment
Low-Angle
Depth too Shallow
Depth too Deep
Top Blade
Top Blade
Top Blade
Top Blade
Bottom Blade
Bottom Blade
Bottom Blade
Bottom Blade
Recommended
Not recommended
Top-bottom Misalignment
Left-right Misalignment
Front-rear Misalignment
[ Outline of Machine ]
GQM1555C2DR10WB01-01A
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com