Electronic Components Datasheet Search
  English  ▼

X  

GQM1555C2DR10WB01 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd

Part # GQM1555C2DR10WB01
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GQM1555C2DR10WB01 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd

Back Button GQM1555C2DR10WB01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd GQM1555C2DR10WB01 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
■Rating
1. Temperature Dependent Characteristics
1. The electrical characteristics of the capacitor can change with temperature.
 1-1. For capacitors having larger temperature dependency, the capacitance may change with temperature changes. The following actions are recommended in order to ensure suitable capacitance values.
(1) Select a suitable capacitance for the operating temperature range.
(2) The capacitance may change within the rated temperature. When you use a high dielectric constant type capacitor in a circuit that needs a tight (narrow) capacitance tolerance (e.g., a time-constant circuit),
   please carefully consider the temperature characteristics, and carefully confirm the various characteristics in actual use conditions and the actual system.
2. Measurement of Capacitance
1. Measure capacitance with the voltage and frequency specified in the product specifications.
 1-1. The output voltage of the measuring equipment may decrease occasionally when capacitance is high. Please confirm whether a prescribed measured voltage is impressed to the capacitor.
 1-2. The capacitance values of high dielectric constant type capacitors change depending on the AC voltage applied. Please consider the AC voltage characteristics when selecting a capacitor to be used in a AC circuit.
[ Example of Temperature Caracteristics X7R(R7) ]
[ Example of Temperature Characteristics X5R(R6) ]
Sample: 0.1μF, Rated Voltage 50VDC
Sample: 22μF, Rated Voltage 4VDC
GQM1555C2DR10WB01-01A
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com