Electronic Components Datasheet Search
  English  ▼

X  

NF24T100 Datasheet(PDF) 2 Page - Amphenol CIT.

Part # NF24T100
Description  Exceptional electrical and mechanical performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

NF24T100 Datasheet(HTML) 2 Page - Amphenol CIT.

  NF24T100 Datasheet HTML 1Page - Amphenol CIT. NF24T100 Datasheet HTML 2Page - Amphenol CIT. NF24T100 Datasheet HTML 3Page - Amphenol CIT. NF24T100 Datasheet HTML 4Page - Amphenol CIT.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Gigabit Series
GIGABIT-
10HP™
GIGABIT-
PLUS™
GIGABIT-FLEXX™
GIGABIT-
STP™
GIGABIT-
S2Q™
24 AWG
24 AWG 26 AWG 24 AWG 26 AWG
26 AWG
24 AWG 26 AWG
Part Number*
MX10G-24HP
MX10G-
24
MX10G-
26
MX10G-
24FLX
MX10G-
26FLX
NF26-6BSTP-100
NF24-
2Q100
NF26-
2Q100
Impedance (ohms)
100
100
100
100
100
DC Resistance
(100 ft)
2.76 ohms
2.76 ohms 4.38 ohms 2.76 ohms 4.38 ohms
4.38 ohms
2.76
ohms
4.38
ohms
Velocity of Propagation
70%
70%
70%
77%
80%
Attenuation
100 MHz
(dB/100 m)
22.0
24.0
29.0
26.4
31.6
38.0
26.2
30.5
250 MHz
(dB/100 m)
32.0
40.0
48.0
-
-
62.0
-
-
500 MHz
(dB/100 m)
48.0
-
-
-
-
90.6
-
-
Weight: lbs/1000 ft
(Kg/1000 m)
55
(82)
50
(74)
35
(52)
35
(52)
28
(42)
50
(74)
58
(86)
45
(68)
Size: in.
(mm)
0.290
(7.36)
0.270
(6.86)
0.220
(5.59)
0.245
(6.22)
0.195
(4.95)
0.300
(7.62)
0.305
(7.75)
0.265
(6.73)
Min. Bend Radius: in.
(mm)
0.50
(12.70)
2.00
(50.80)
1.75
(44.45)
1.00
(25.40)
0.75
(19.05)
3.00
(76.20)
3.05
(77.50)
2.65
(67.30)
Operating Temperature
-55 to 150°C
-55 to 150°C
-55 to 200°C
-55 to 150°C
-55 to 150°C
Other
RoHS Compliant
RoHS Compliant
RoHS Compliant
RoHS Compliant
Meets FAR 25.853 and
Boeing/Airbus Smoke
and Toxicity
Meets FAR 25.853
and Boeing/
Airbus Smoke
and Toxicity
Meets FAR 25.853 and
Boeing/Airbus Smoke
and Toxicity
Meets FAR 25.853 and
Boeing/Airbus Smoke
and Toxicity
Meets FAR 25.853
and Boeing/
Airbus Smoke
and Toxicity
*Highlighted part numbers above are designed for use with CarlisleIT’s Octax® connector. Reference Ultra High-Speed Interconnect Solutions brochure.
Gigabit-10HP™
Gigabit-Plus™
Gigabit-Flexx™
Gigabit-STP™
Gigabit-S2Q™
CABLE CROSS SECTIONS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com