Electronic Components Datasheet Search
  English  ▼

X  

NF24T100 Datasheet(PDF) 4 Page - Amphenol CIT.

Part # NF24T100
Description  Exceptional electrical and mechanical performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

NF24T100 Datasheet(HTML) 4 Page - Amphenol CIT.

  NF24T100 Datasheet HTML 1Page - Amphenol CIT. NF24T100 Datasheet HTML 2Page - Amphenol CIT. NF24T100 Datasheet HTML 3Page - Amphenol CIT. NF24T100 Datasheet HTML 4Page - Amphenol CIT.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© Carlisle Interconnect Technologies, 2018. All trademarks, service marks and trade names are property of their respective holding companies. All Rights Reserved.
SS-10054-100518
CONNECT WITH US TODAY
See CarlisleIT’s line of
Wire & Cable products at:
(+1) 904-494-0549
CarlisleIT.com/products/wire-and-cable
Sales@CarlisleIT.com
Maxflite™
CABLE CROSS SECTIONS
HDMI
(1.3)
DVI
CAN Bus
IEEE 1394
Firewire
USB 2.0
26/22 AWG
USB 3.0
24/26/22
AWG + Drain
Part Number
1586-305
24463/05099X-8(LD) CAN24TST120 24483/03063LX-6(LD)
NF26/22USB(A)
USB3.0/24(AM)
Impedance (ohms)
100
100
120
110
90
90
Velocity of Propagation
70%
75%
79%
79%
70%
70%
Attenuation
(dB/100 ft)
15 at 300 MHz
N/A
1 at 1 MHz
11 at 200 MHz
Attenuation:
dB/5m
Attenuation:
dB/3m
2.0 at 100 MHz
2.43 at .625 GHz
36 at 1.6 GHz
2 at 6 MHz
17 at 400 MHz
3.2 at 200 MHz
3.6 at 1.25 GHz
5.8 at 400 MHz
5.1 at 2.5 GHz
59 at 4.1 GHz
2.7 at 10 MHz
24 at 800 MHz
N/A
8.4 at 5.0 GHz
N/A
11.4 at 7.5 GHz
Cable Weight: lbs/1000 ft
(Kg/1000 m)
72
(107.0)
105
(156.0)
14
(20.0)
78
(116.0)
15
(23.0)
60
(89.4)
Cable Diameter: in.(mm)
0.315
(8.00)
0.40
(10.16)
0.142
(3.61)
0.34
(8.64)
0.133
(3.40)
0.27
(6.80)
Min. Bend Radius: in.(mm)
1.89
(48.0)
4.0
(102.0)
1.42
(36.0)
3.40
(86.0)
1.3
(33.0)
2.7
(68.6)
Operating Temperature
-55 to 150°C
-55 to 150°C
-55 to 150°C
-55 to 150°C
-55 to 150°C
-55 to 150°C
Other
Meets FAR
25.853 and
Boeing/Airbus
Smoke and
Toxicity
Meets FAR 25.853
and Boeing/Airbus
Smoke and Toxicity
Meets FAR
25.853 and
Boeing/Airbus
Smoke and
Toxicity
Meets FAR 25.853
and Boeing/Airbus
Smoke and Toxicity
Meets FAR
25.853 and
Boeing/Airbus
Smoke and
Toxicity
Meets FAR 25.853
and Boeing/Airbus
Smoke and
Toxicity
HDMI (1.3)
DVI
USB 2.0
IEEE 1394 Firewire
USB 3.0
CAN Bus
Preliminary
12814
John Dunn
2/10/2016
2/10/2016
2/10/2016
NOGALES SONORA, MEXICO
Cage Code
Date:
Date:
Drawn By:
Part Number:
Approved By:
USB 3.0/24(AM)
Initial Release:
Description:
Israel Girón Palacios
CARLISLE INTERCONNECT TECHNOLOGIES
USB 3.0/24
P1
2/10/12
Preliminary 1
All of the statements, illustrations, technical information and recommendations
contained herein are based on tests & other information Carlisle Interconnect
Technologies believes to be reliable, but the accuracy or the completeness thereof or
the suitability of the product described herein for a particular application or use is not
guaranteed & this disclaimer is made in lieu of all warranties either expressed or
implied.
CARLISLE INTERCONNECT TECHNOLOGIES CONFIDENTIAL
This document, containing proprietary information, is strictly confidential and is not to
be disclosed by any person without written consent.

Construction Details
Diameter
[Nom]
22 AWG Ground Singles
Conductor
22 AWG 19x34 SPC
0.0295”
Insulation
Insulation similar to AS22759/91
0.042”
24 AWG Shielded USB 3.0
Conductor
24 AWG 19x36 SPC
0.0235”
Insulation
Fluoropolymer
0.058”
Pair
Two insulated conductors
twisted together with a 26 AWG
SPC drain wire
Shield 1
Aluminum/Polyester (Foil Down)
0.120”
26 AWG Unshielded USB 2.0
Conductor
26 AWG 19x38 SPC
0.0188”
Insulation
Fluoropolymer
0.040”
Pair
Two insulated conductors
twisted together
0.080”
Final Assembly
Cable
Two 22 AWG Ground Singles,
two 24 AWG shielded pairs and
one 26 AWG unshielded data
pair and one filler
Shield
38 AWG TPC Braid
85% min. coverage
Jacket
FEP
0.270”
Identification
Colors
22 AWG Single #1
Red
22 AWG Single #2
Black
24 AWG Shielded Data Pair #1
Violet & Orange
24 AWG Shielded Data Pair #2
Blue & Yellow
26 AWG Data Pair
White & Green
Outer Jacket
Light Green
Properties
Temperature Rating
150°C
Weight
60.0 lb. / 100 ft. Nom.
USB 2.0
USB 3.0
Impedance
90 Ohms ± 9 Ohms
90 Ohms ± 7 Ohms
Attenuation
MHz
dB / 3m (dB / 100 ft.)
100
2.0 (10.5) +10% Max.
200
3.2 (16.0) +10% Max.
400
5.8 (22.0) +10% Max.
GHz
dB / m
0.625
0.81
1.25
1.2
2.5
1.7
5.0
2.8
7.5
3.8
Intra Pair SKEW
20 ps/m.
15 ps/m.
Velocity of Propagation
24 ns / 3 m. Max.
24 ns / 5 m. Max.
Notes
1.
Materials used are RoHS compliant.
2.
Cable is compliant with FAR 25 appendix F flammability requirements.
3.
Max Length to support USB 3.0 is 3 meters.

Rachel Cole
7/28/08
Lira Stewart
7/28/08
26/22 - USB 2.0 Cable
NF26/22USB
92607
This specification describes a USB 2.0 cable for use in aerospace applications. This cable is constructed to meet the flammability
requirements of FAR25.853.
COMPONENT #1
Conductor: 26 AWG, 19 strand, Silver-coated Copper Alloy
DC Resistance(max): 46.1 ohms/1000ft
Insulation: Extruded PTFE
OD(nom): .039”
OD(max): .040”
Color: White, Green
Differential Impedance: 90 ± 15 ohms
Capacitance(nom): 15 pF/ft
Time Delay(max): 26 ns/5m
Attenuation(max): 2.0 dB/5m @ 100 MHz
3.2 dB/5m @ 200 MHz
5.8 dB/5m @ 400 MHz
COMPONENT #2
Conductor: 22 AWG, 19 strand, Silver-coated Copper
DC Resistance(max): 15.6 ohms/1000ft
Insulation: PTFE
OD(nom): .039”
OD(max): .040”
Color: Red, Black
Voltage Rating: 100 Vrms
FINISHED CABLE
Two (2) ends of Component #1 and two (2) ends of
Component #2 are cabled around a PTFE filler.
SHIELD
Material: 38 AWG Tin-coated Copper Braid
Coverage(min): 85%
JACKET
Material: Extruded FEP
Color: Black
OD(nom): .133”
OD(max): .145”
D
3/31/08
Added max values for attenuation, OD and weight
CABLE CHARACTERISTICS
Temperature Range: -65°C to 150°C
Jacket Spark Voltage(min): 1.5 kV rms
Dielectric Withstand(min): 1.0 kV rms
Weight(nom): 19 lbs/1,000 ft
Weight(max): 21 lbs/1,000 ft
IDENTIFICATION
Material: Polyimide
Legend: MA-WI0021-001 0FF57 TENSOLITE NF26/22USB 92607
F
7/28/08
Defined filler material
C
2/13/08
Changed calculated attenuation values
Date
Approved By:
Date
Description:
Cage Code
Part Number:
Drawn by:
CARLISLE INTERCONNECT TECHNOLOGIES
ST. AUGUSTINE, FL
E
4/29/08
Redrawn for quad lay up
All of the statements, illustrations, technical information & recommendations
contained herein are based on tests & other information Carlisle Interconnect
Technologies believes to be reliable, but the accuracy or the completeness
thereof or the suitability of the product described herein for a particular
application or use is not guaranteed & this disclaimer is made in lieu of all
warranties either expressed or implied.
This document, containing proprietary information, is strictly confidential and is
not to be disclosed by any person without written consent.
CARLISE INTERCONNECT TECHNOLOGIES CONFIDENTIAL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com