Electronic Components Datasheet Search
  English  ▼

X  

NF24T100 Datasheet(PDF) 3 Page - Amphenol CIT.

Part # NF24T100
Description  Exceptional electrical and mechanical performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

NF24T100 Datasheet(HTML) 3 Page - Amphenol CIT.

  NF24T100 Datasheet HTML 1Page - Amphenol CIT. NF24T100 Datasheet HTML 2Page - Amphenol CIT. NF24T100 Datasheet HTML 3Page - Amphenol CIT. NF24T100 Datasheet HTML 4Page - Amphenol CIT.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NETflight®
CABLE CROSS SECTIONS
100 BASE-T – TWISTED
PAIR
100 BASE-T –
SHIELDED QUAD
100 BASE-T –
SINGLE TWISTED PAIR
22 AWG
24 AWG
22 AWG
24 AWG
26 AWG
22 AWG
24 AWG
26 AWG
Part Number
NF22P100
NF24P100
NF22Q100
NF24Q100
NF26Q100
NF22T100
NF24T100
NF26T100
Impedance (ohms)
100
100
100
Velocity of
Propagation
80%
80%
80%
Attenuation at 100
MHz (dB/100 ft)
5.6
6.0
6.4
8.0
9.3
5.8
6.6
8.5
Weight: lbs/1000 ft
(Kg/1000 m)
43
(64)
35
(51)
35
(51)
25
(37)
18
(39)
26
(38)
18
(26)
15
(22)
Size: in.
(mm)
0.195 x 0.290
(4.95 x 7.37)
0.175 x 0.270
(4.45 x 6.86)
0.190
(4.83)
0.163
(4.14)
0.137
(3.45)
0.180
(4.57)
0.145
(3.68)
0.132
(3.35)
Bend Radius: in.
(mm)
1.95
(49.5)
1.75
(44.5)
1.90
(48.3)
1.63
(41.4)
1.37
(34.5)
1.80
(45.7)
1.45
(36.8)
1.32
(33.5)
Operating
Temperature
-55 to 150°C
-55 to 150°C
-55 to 150°C
Other
Meets FAR 25.853 and
Boeing/Airbus Smoke and
Toxicity
Meets FAR 25.853 and
Boeing/Airbus Smoke and Toxicity
Meets FAR 25.853 and
Boeing/Airbus Smoke and Toxicity
100 Base-T –
Twisted Pair
100 Base-T –
Shielded Quad
100 Base-T –
Single Twisted Pair
1
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com