Electronic Components Datasheet Search
  English  ▼

X  

OP484S Datasheet(PDF) 4 Page - Analog Devices

Part # OP484S
Description  Precision, Rail to Rail Input and Output, Quad Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484S Datasheet(HTML) 4 Page - Analog Devices

  OP484S Datasheet HTML 1Page - Analog Devices OP484S Datasheet HTML 2Page - Analog Devices OP484S Datasheet HTML 3Page - Analog Devices OP484S Datasheet HTML 4Page - Analog Devices OP484S Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
OP484S
ASD0012518 Rev. I | Page 4 of 5
Table II - Electrical Characteristics for Qual Samples
Parameter
Symbol
Conditions
Sub-
groups
Limit
Min
Limit
Max
Units
VS = +5V, VCM = 2.5V
Input Offset Voltage
VOS
1
200
µV
2, 3
400
M, D, L, R 3/
1
600
Input Offset Current
IOS
1/
1, 2, 3
50
nA
M, D, L, R 3/
1
400
Input Bias Current
IB
1/
1
350
2, 3
575
M, D, L, R 3/
1
3000
Common Mode Rejection Ratio 4/
CMRR
VCM = 1V to 4V
1, 2, 3
86
dB
Output High Voltage 4/
VOH
IL = 1mA
4
4.8
V
Output Low Voltage 4/
VOL
IL = 1mA
4
125
mV
Large Signal Voltage Gain
AVO
RL ≥ 2kΩ
VOUT = 1V to 4V
4
50
V/mV
5, 6
25
RL ≥ 10kΩ
VOUT = 1V to 4V
M, D, L, R 3/
4
25
Supply Current 2/
ISY
VOUT = 2.5V
1
5.8
mA
M, D, L, R 3/
1
5.85
VS = ±15V, VCM = 0V
Input Offset Voltage 4/
VOS
1
250
µV
2, 3
500
Average Input Offset Voltage Drift 4/
TCVOS
8
2.5
µV/°C
Input Offset Current 4/
IOS
1, 2, 3
50
nA
Input Bias Current 4/
IB
1
350
nA
2, 3
575
Common Mode Rejection Ratio 4/
CMRR
VCM = -15V to +15V
1, 2, 3
80
dB
Power Supply Rejection Ratio 4/
PSRR
VS = ±2V to ±18V
1, 2, 3
90
dB
Large Signal Voltage Gain 4/
AVO
RL ≥ 2kΩ
VOUT = ±10V
4
150
V/mV
5, 6
75
Supply Current 2/ 4/
ISY
VOUT = 0V
1
8
mA
VS = ±18V, VOUT = 0V
1, 2, 3
9
Table II Notes:
1/
Guaranteed by VS = ±15V test.
2/
limit = total all four amplifiers.
3/
ISY Devices tested at 100Krad irradiation.
4/
Parameter not tested post irradiation.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com