Electronic Components Datasheet Search
  English  ▼

X  

OP484S Datasheet(PDF) 5 Page - Analog Devices

Part # OP484S
Description  Precision, Rail to Rail Input and Output, Quad Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP484S Datasheet(HTML) 5 Page - Analog Devices

  OP484S Datasheet HTML 1Page - Analog Devices OP484S Datasheet HTML 2Page - Analog Devices OP484S Datasheet HTML 3Page - Analog Devices OP484S Datasheet HTML 4Page - Analog Devices OP484S Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OP484S
ASD0012518 Rev. I | Page 5 of 5
Table III - Life Test Endpoint and Delta Parameter
(Product is tested in accordance with Table II with the following exceptions)
Parameter
Symbol
Sub-
groups
Burn In
Limit
Min
Burn In
Limit
Max
Life Test
Limit
Min
Life Test
Limit
Max
Life Test
Delta
Units
Input Offset Voltage
VS = ±15V
VOS
1
500
750
±250
µV
2, 3
1000
Input Bias Current
VS = ±15V
IB
1
450
550
±100
nA
2, 3
775
Input Offset Current
VS = ±15V
IOS
1
60
100
±40
nA
2, 3
100
Input Offset Voltage
VS = +5V
VOS
1
300
450
µV
2, 3
650
5.0
Life Test/Burn-In Information
5.1
HTRB is not applicable for this drawing.
5.2
Burn-in is per MIL-STD-883 Method 1015 test condition B or C.
5.3
Steady state life test is per MIL-STD-883 Method 1005.
Rev
Description of Change
Date
A
Initiate
April 01, 2001
B
Update web address
Jan. 25, 2002
C
Add radiation part number. Update web address
Feb. 10, 2003
D
Update header/footer and add to 1.0 scope description.
March 5, 2008
E
Add Junction Temperature (TJ)....+150°C to 3.3-Absolute Max Ratings section & aligned/centered
Table II
April 3, 2008
F
Updated Section 4.0c note to indicated pre-screen temp testing being performed.
June 5 2009
G
Updated fonts and size to ADI standards. Touched up die picture for clarity.
Oct 3, 2011
H
VOH (min) Limit Change for VS = +5V, Vcm = 2.5V at Table I and Table II.
Feb 15, 2018
I
Average Input Offset Voltage Drift Change at Table II
March 14, 2022
© 2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective companies.
Printed in the U.S.A.
03/22



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com