Electronic Components Datasheet Search
  English  ▼

X  

LTC6253 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC6253
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6253 Datasheet(HTML) 4 Page - Analog Devices

  LTC6253 Datasheet HTML 1Page - Analog Devices LTC6253 Datasheet HTML 2Page - Analog Devices LTC6253 Datasheet HTML 3Page - Analog Devices LTC6253 Datasheet HTML 4Page - Analog Devices LTC6253 Datasheet HTML 5Page - Analog Devices LTC6253 Datasheet HTML 6Page - Analog Devices LTC6253 Datasheet HTML 7Page - Analog Devices LTC6253 Datasheet HTML 8Page - Analog Devices LTC6253 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LTC6228/LTC6229
4
Rev. B
For more information www.analog.com
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VS = ±5V,VCM = 0V, VSHDN = floating unless otherwise noted.
ELECTRICAL CHARACTERISTICS (VS = ±5V)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVOL
Large Signal Voltage Gain
RL = 1kΩ to Half Supply VOUT = ±4V
l
120
113
135
dB
dB
RL = 100Ω to Half Supply VOUT = ±3V
l
100
92
120
dB
dB
CMRR
Common Mode Rejection Ratio
VCM = V– – 0.1 to V+ – 1.2V
l
100
94
110
dB
dB
VCMR
Input Common Mode Range
l
V– – 0.1
V+ – 1.2
V
PSRR+
Positive Power Supply Rejection Ratio
V– = –1V, V+ = 1.8V to 10.75V
l
100
95
110
dB
dB
PSRR–
Negative Power Supply Rejection Ratio
V+ = 1.5V, V– = –1.3V to –10.25V
l
101
99
126
dB
dB
Supply Voltage Range (V+ – V–) (Note 5)
l
2.8
11.75
V
VOL
Output Swing Low (VOUT – V–)
No Load
l
8
16
20
mV
mV
ISINK = 5mA
l
46
70
85
mV
mV
ISINK = 25mA
l
140
220
280
mV
mV
VOH
Output Swing High (V+ – VOUT)
No Load
l
27
50
60
mV
mV
ISINK = 5mA
l
90
140
180
mV
mV
ISOURCE = 25mA
l
250
340
450
mV
mV
ISC
Output Short-Circuit Current
Sourcing
l
–130
–80
–65
mA
mA
Sinking
l
80
60
140
mA
mA
IS
Supply Current per Channel
l
16
16.9
19.8
mA
mA
ISD
Disable Supply Current per Channel, Amplifier
Off
VSHDN = V+ – 2.75V
l
500
610
770
μA
μA
VL_SHDN SHDN Pin Input Voltage Low, Disable Amplifier
l
V+ – 2.75
V
VH_SHDN SHDN Pin Input Voltage High, Enable Amplifier
l
V+ – 1.6
V
VL_IBIAS SHDN Pin Input Voltage Low, Disable Bias
Cancellation
l
V+ – 1
V
VH_IBIAS SHDN Pin Input Voltage Low, Enable Bias
Cancellation
l
V+ – 0.35
V
IL_SHDN SHDN Pin Input Current, Disable Amplifier
VSHDN = V+ – 2.75V
l
–10
–2.5
10
μA
IH_SHDN SHDN Pin Input Current, Enable Amplifier
VSHDN = V+ – 1.6V
l
–10
–0.3
10
μA
IL_IBIAS
SHDN Pin Input Current Low, Disable Bias
Cancellation
VSHDN = V+ – 1V
l
–10
0.265
10
μA
IH_IBIAS
SHDN Pin Input Current Low, Enable Bias
Cancellation
VSHDN = V+ – 0.35V
l
–10
1
10
μA
IOSD
Output Leakage Current in Shutdown
VSHDN = V+ – 2.75V, OUT Shorted to V+ or V–
100
nA
BW
–3dB Closed Loop Bandwidth
AV = 1, RL = 1kΩ to Half Supply
730
MHz
GBW
Gain-Bandwidth Product
f = 5MHz, RL = 1kΩ to Half Supply
l
700
650
890
MHz
MHz
tON
Turn-On Time
VSHDN = V+ – 2.75V to V+ – 1.6V
900
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com