Electronic Components Datasheet Search
  English  ▼

X  

LTC6253 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6253
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6253 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6253 Datasheet HTML 7Page - Analog Devices LTC6253 Datasheet HTML 8Page - Analog Devices LTC6253 Datasheet HTML 9Page - Analog Devices LTC6253 Datasheet HTML 10Page - Analog Devices LTC6253 Datasheet HTML 11Page - Analog Devices LTC6253 Datasheet HTML 12Page - Analog Devices LTC6253 Datasheet HTML 13Page - Analog Devices LTC6253 Datasheet HTML 14Page - Analog Devices LTC6253 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTC6228/LTC6229
11
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
S = ±5V, VCM = 0V, TA = 25°C, unless otherwise noted.
Input Bias Current vs Input
Common Voltage, Bias
Cancellation Disabled
Input Bias Current vs Input
Common Mode Voltage, Bias
Cancellation Enabled
0.1Hz to 10Hz Voltage Noise
Input Voltage Noise and Current Noise
Spectral Densities vs Frequency
Supply Current vs Supply Voltage
Supply Current vs Input Common
Mode Voltage
Supply Current vs SHDN Pin
Voltage
Input Bias Current vs SHDN Pin
Voltage
SHDN Pin Current vs SHDN Pin
Voltage
VS = ±5V
TA = –55°C
TA = 25°C
TA = 85°C
TA = 125°C
INPUT COMMON MODE VOLTAGE (V)
–5.1 –4.2 –3.3 –2.4 –1.5 –0.7 0.2 1.1 2.0 2.9 3.8
–30
–25
–20
–15
–10
–5
0
5
6228 G10
VS = ±5V
TA = –55°C
TA = 25°C
TA = 85°C
TA = 125°C
INPUT COMMON MODE VOLTAGE (V)
–5.1 –4.2 –3.3 –2.4 –1.5 –0.7 0.2 1.1 2.0 2.9 3.8
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
6228 G11
1s/DIV
0.1Hz to 10Hz Voltage Noise
6228 G12
VS = ±5V
TA=25°C
eN
iN,bias cancellation enabled
iN,bias cancellation disabled
FREQUENCY (Hz)
0.1 1
10 100 1k 10k 100k 1M 10M100M
0.5
1
10
100
1k
5k
Spectral Densities vs Frequency
Input Voltage Noise and Current Noise
6228 G13
VCM = VS/2
TOTAL SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
16
18
20
6228 G14
TA = 125°C
TA = 25°C
TA = –55°C
TA = 125°C
TA = 25°C
TA = –55°C
INPUT COMMON MODE VOLTAGE (V)
–5.1 –4.2 –3.3 –2.4 –1.5 –0.6 0.3 1.2 2.1 3.0 3.9
10
11
12
13
14
15
16
17
18
19
20
6228 G15
VS = ±5V
TA = 125°C
TA = 25°C
TA = –55°C
SHDN PIN VOLTAGE (V)
–5 –4 –3 –2 –1 0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
18
20
6228 G16
VS = ±5V
TA = –55°C
TA = 125°C
TA = 25°C
TA = 85°C
SHDN PIN VOLTAGE (V)
3.4 3.6 3.8
4
4.2 4.4 4.6 4.8 5.0
–20.0
–17.5
–15.0
–12.5
–10.0
–7.5
–5.0
–2.5
0
2.5
5.0
SHDN Pin Voltage
Input Bias Current vs
6228 G17
VS = ±5V
TA = –55°C
TA = 125°C
TA = 25°C
SHDN PIN VOLTAGE (V)
–5 –4 –3 –2 –1 0
1
2
3
4
5
–20.0
–17.5
–15.0
–12.5
–10.0
–7.5
–5.0
–2.5
0
2.5
5.0
SHDN Pin Voltage
SHDN Pin Current vs
6228 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com