Electronic Components Datasheet Search
  English  ▼

X  

LTC6253 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC6253
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6253 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC6253 Datasheet HTML 17Page - Analog Devices LTC6253 Datasheet HTML 18Page - Analog Devices LTC6253 Datasheet HTML 19Page - Analog Devices LTC6253 Datasheet HTML 20Page - Analog Devices LTC6253 Datasheet HTML 21Page - Analog Devices LTC6253 Datasheet HTML 22Page - Analog Devices LTC6253 Datasheet HTML 23Page - Analog Devices LTC6253 Datasheet HTML 24Page - Analog Devices LTC6253 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LTC6228/LTC6229
21
Rev. B
For more information www.analog.com
TYPICAL APPLICATIONS
18-Bit High Speed ADC Driver
The ultralow noise and distortion performance of the
LTC6228 makes it an excellent candidate for driving high
speed high resolution ADCs with fast, large amplitude
signals. Figure 4 shows a pair of LTC6228s driven by a dif-
ferential input, driving an LTC2387-18, a 15Msps, 18-bit
ADC. Figure 5 shows an FFT obtained with a –1dBFS,
1MHz input signal. The obtained SNR is 93.4dB, better
than the LTC2387-18’s guaranteed SNR of 93dB, and
close to its typical value of 95.7dB. Spurious free dynamic
range is an excellent 95dB, close to the LTC2387-18’s
guaranteed SFDR of 97dB.
High Speed Low Voltage Low Noise Instrumentation
Amplifier
Figure 6 shows a three op amp instrumentation amplifier
with a gain of 41V/V which can operate on a wide range
of supply voltage. An RC snubber is used at the common
terminal of the 30Ω gain setting resistors to reduce the
effects of any board induced layout coupling from the
output of one amplifier to the negative input of the other.
Figure 7 shows the measured frequency response of the
instrumentation amplifier for a load of 1kΩ. Figure 8
shows the measured CMRR of the instrumentation
amplifier, and Figure 9 shows the transient response for
a 50mVP-P input square wave applied to the positive input,
with the negative input grounded. The total supply voltage
was 3.3V. The extremely low offset voltage and low 1/f
noise at the LTC6229 inputs allow for wide band instru-
mentation amplifier operation, down to DC. Note, the bias
currents of the LTC6229 are higher than might appear in
a traditional low speed instrumentation amplifier. High
speed instrumentation such as in Figure 6 assume a cor-
respondingly low enough impedance excitation.
–
+
0.1µF
LTC6228
25
IN–
IN+
VCM
CLK
82pF
4.096V
0V
82pF
6228 F04
LTC2387-18
DCO
DA
LVDS
INTERFACE
DB
TWOLANES
TESTPAT
PD
SAMPLE
CLOCK
CNV
REFB
–
+
LTC6228
7.5V
–2.5V
25
4.096V
0V
Figure 4. High Speed Driver for 18-Bit ADC
Figure 5. Measured Performance of LTC6228 Based Driver Driving the LTC2387-18
8192 Point FFT, –1dBFS
fSMPL = 15Msps, fIN = 1MHz
7.3VP-P 1MHz INPUT SIGNAL
SNR = 93.4dB
SFDR = 95dB
THD = –93.8dB
FREQUENCY (MHz)
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5
–140
–120
–100
–80
–60
–40
–20
0
6228 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com