Electronic Components Datasheet Search
  English  ▼

X  

LT1806 Datasheet(PDF) 9 Page - Analog Devices

Part # LT1806
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1806 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT1806 Datasheet HTML 5Page - Analog Devices LT1806 Datasheet HTML 6Page - Analog Devices LT1806 Datasheet HTML 7Page - Analog Devices LT1806 Datasheet HTML 8Page - Analog Devices LT1806 Datasheet HTML 9Page - Analog Devices LT1806 Datasheet HTML 10Page - Analog Devices LT1806 Datasheet HTML 11Page - Analog Devices LT1806 Datasheet HTML 12Page - Analog Devices LT1806 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LTC6228/LTC6229
9
Rev. B
For more information www.analog.com
The l denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 0V,VCM = 1.5V, VSHDN = floating unless
otherwise noted.
ELECTRICAL CHARACTERISTICS (VS = 3V, 0V)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VL_SHDN SHDN Pin Input Voltage Low, Disable Amplifier
l
V+ – 2.65
V
VH_SHDN SHDN Pin Input Voltage High, Enable Amplifier
l
V+ – 1.6
V
VL_IBIAS SHDN Pin Input Voltage Low, Disable Bias
Cancellation
l
V+ – 1
V
VH_IBIAS SHDN Pin Input Voltage Low, Enable Bias
Cancellation
l
V+ – 0.35
V
IL_SHDN SHDN Pin Input Current, Disable Amplifier
VSHDN = V+ – 2.65V
l
–10
–2.5
10
μA
IH_SHDN SHDN Pin Input Current, Enable Amplifier
VSHDN = V+ – 1.6V
l
–10
–0.3
10
μA
IL_IBIAS
SHDN Pin Input Current Low, Disable Bias
Cancellation
VSHDN = V+ – 1V
l
–10
0.265
10
μA
IH_IBIAS
SHDN Pin Input Current Low, Enable Bias
Cancellation
VSHDN = V+ – 0.35V
l
–10
1
10
μA
IOSD
Output Leakage Current in Shutdown
VSHDN = V+ – 2.65V, OUT Shorted to V+ or V–
100
nA
BW
–3dB Closed Loop Bandwidth
AV = 1, RL = 1kΩ to Half Supply
763
MHz
GBW
Gain-Bandwidth Product
f = 5MHz, RL = 1kΩ to Half Supply
l
700
560
845
MHz
MHz
tON
Turn-On Time
VSHDN = V+ – 2.65V to V+ – 1.6V
900
ns
tOFF
Turn-Off Time
VSHDN = V+ – 1.6V to V+ – 2.65V
500
ns
tS_0.1
Settling Time to 0.1%
AV = 1, VCM = 1V, 1V Output Step,
RL = 1kΩ
31
ns
SR
Slew Rate
AV = +4, 2V Output Step
200
V/μs
FPBW
Full Power Bandwidth
VOUT = 2VP-P, VCM = 1V, AV = –1,
THD < –40dBc
22
MHz
HD2/HD3 Harmonic Distortion, RL = 1kΩ to VCM,
VOUT = 1VP-P, VCM = 1.25V
fC = 100kHz
fC = 1MHz
fC = 5MHz
fC = 10MHz
–106/–127
–110/–128
–82/–105
–77/–96
dBc
dBc
dBc
dBc
Harmonic Distortion, RL = 100Ω to VCM,
VOUT = 1VP-P, VCM = 1.25V
fC = 100kHz
fC = 1MHz
fC = 5MHz
fC = 10MHz
–116/–123
–105/–132
–89/–98
–77/–86
dBc
dBc
dBc
dBc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by back-to-back diodes. If any of
the input or shutdown pins goes 300mV beyond either supply or the
differential input voltage exceeds 0.7V, the input current should be limited
to less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output current is high.
Note 4: The LTC6228I/LTC6229I is guaranteed functional and specified
over the temperature range of –40°C to 85°C. The LTC6228H/LTC6229H is
guaranteed functional and specified over the temperature range of –40°C
to 125°C.
Note 5: Supply range voltage is guaranteed by power supply rejection ratio test.
Note 6: The input bias current is the average of the currents through the
non-inverting and inverting input pins.
Note 7: Thermal resistance varies with the amount of PC board metal
connected to the package. The specified values are with short traces
connected to the leads with minimal metal area.
Note 8: Middle 2/3 of the output waveform is observed. RL = 1kΩ at half supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com