Electronic Components Datasheet Search
  English  ▼

X  

LT1806 Datasheet(PDF) 16 Page - Analog Devices

Part # LT1806
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1806 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT1806 Datasheet HTML 12Page - Analog Devices LT1806 Datasheet HTML 13Page - Analog Devices LT1806 Datasheet HTML 14Page - Analog Devices LT1806 Datasheet HTML 15Page - Analog Devices LT1806 Datasheet HTML 16Page - Analog Devices LT1806 Datasheet HTML 17Page - Analog Devices LT1806 Datasheet HTML 18Page - Analog Devices LT1806 Datasheet HTML 19Page - Analog Devices LT1806 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LTC6228/LTC6229
16
Rev. B
For more information www.analog.com
PIN FUNCTIONS
FB (SOIC-8 Only): Feedback Pin. Internally connected to
OUT.
+IN: Non-Inverting Input of Amplifier. Valid input range is
from V– to V+ – 1.2V
–IN: Inverting Input of Amplifier. Valid input range is from
V– to V+ – 1.2V
OUT: Output of the Amplifier. Swings rail to rail and can
typically source/sink more than 90mA of current.
SHDN: Shutdown Pin (Active Low). Referenced to V+.
When taken 2.75V below V+, the amplifier shuts down
and enters low power mode, with the outputs in a high
impedance state. When taken to within 350mV of V+, bias
current cancellation is enabled. When left floating, the
amplifier is on but bias cancellation is not enabled.
V+: Positive Supply to Amplifier. Valid range is from 2.8V
to 11.75V when V– is 0V.
V–: Negative Supply to Amplifier. Typically 0V. This can be
made a negative voltage as long as 2.8V ≤ (V+ – V–) ≤ 11.75V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com