Electronic Components Datasheet Search
  English  ▼

X  

LT1806 Datasheet(PDF) 2 Page - Analog Devices

Part # LT1806
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1806 Datasheet(HTML) 2 Page - Analog Devices

  LT1806 Datasheet HTML 1Page - Analog Devices LT1806 Datasheet HTML 2Page - Analog Devices LT1806 Datasheet HTML 3Page - Analog Devices LT1806 Datasheet HTML 4Page - Analog Devices LT1806 Datasheet HTML 5Page - Analog Devices LT1806 Datasheet HTML 6Page - Analog Devices LT1806 Datasheet HTML 7Page - Analog Devices LT1806 Datasheet HTML 8Page - Analog Devices LT1806 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LTC6228/LTC6229
2
Rev. B
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V– to V+) .................................12V
Input Voltage (–IN, +IN, SHDN)....V– – 0.3V to V+ + 0.3V
Input Current (–IN, +IN, SHDN) (Note 2).............. ±10mA
Operating Temperature Range
LTC6228I/LTC6229I (Note 4)...............–40°C to 85°C
LTC6228H/LTC6229H (Note 4) .......... –40°C to 125°C
Specified Temperature Range
LTC6228I/LTC6229I (Note 4)...............–40°C to 85°C
LTC6228H/LTC6229H (Note 4) .......... –40°C to 125°C
Output Current (OUT, FB)(Note 3) ......................±100mA
Output Short-Circuit Duration.............Thermally Limited
Storage Temperature Range .................. –65°C to 150°C
Maximum Junction Temperature .......................... 150°C
Lead Temperature (Soldering 10s)
(MSOP/S8/TSOT Only) .........................................300°C
(Note 1)
1
2
3
4
8
7
6
5
TOP VIEW
SHDN
V+
OUT
V–
FB
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 120°C/W (NOTE 7)
1
2
3
6
5
4
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 192°C/W (NOTE 7)
V+
SHDN
–IN
OUT
V–
+IN
+ –
TOP VIEW
OUT
–IN
SHDN
V+
+IN
V–
DC PACKAGE
6-LEAD (2mm × 2mm) PLASTIC DFN
TJMAX = 150°C, θJA = 80°C/W (NOTE 7)
EXPOSED PAD (PIN 7) IS V–, MUST BE SOLDERED TO PCB
4
5
7
V–
6
3
2
1
TOP VIEW
11
V–
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W (NOTE 2)
EXPOSED PAD (PIN 11) IS V–, MUST BE SOLDERED TO PCB
10
9
6
7
8
4
5
3
2
1
V+
OUTB
–INB
+INB
SHDNB
OUTA
–INA
+INA
V–
SHDNA
1
2
3
4
OUTA
–INA
+INA
V–
8
7
6
5
V+
OUTB
–INB
+INB
TOP VIEW
MSE PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 35°C/W (NOTE 8)
EXPOSED PAD (PIN 9) IS V–, MUST BE SOLDERED TO PCB
9
V–
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com