Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 5 Page - Analog Devices

Part # LT6237
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6237 Datasheet(HTML) 5 Page - Analog Devices

  LT6237 Datasheet HTML 1Page - Analog Devices LT6237 Datasheet HTML 2Page - Analog Devices LT6237 Datasheet HTML 3Page - Analog Devices LT6237 Datasheet HTML 4Page - Analog Devices LT6237 Datasheet HTML 5Page - Analog Devices LT6237 Datasheet HTML 6Page - Analog Devices LT6237 Datasheet HTML 7Page - Analog Devices LT6237 Datasheet HTML 8Page - Analog Devices LT6237 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LTC6228/LTC6229
5
Rev. B
For more information www.analog.com
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VS = ±5V,VCM = 0V, VSHDN = floating unless otherwise noted.
The l denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V,VCM = VOUT = 2.5V, VSHDN = floating
unless otherwise noted.
ELECTRICAL CHARACTERISTICS (VS = ±5V)
ELECTRICAL CHARACTERISTICS (VS = 5V, 0V)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tOFF
Turn-Off Time
VSHDN = V+ – 1.6V to V+ – 2.75V
500
ns
tS_0.1
Settling Time to 0.1%
AV = 1, 2V Output Step, RL = 1kΩ
26
ns
AV = 1, 4V Output Step, RL = 1kΩ
34
ns
tS_0.01
Settling Time to 0.01%
AV = 1, 6V Output Step, RL = 1kΩ
53
ns
SR
Slew Rate
AV = +4, 8V Output Step (Note 8)
l
320
250
500
V/μs
V/μs
FPBW
Full Power Bandwidth
VOUT = 8VP-P, AV = +2, THD < –40dBc
12.5
MHz
HD2/HD3 Harmonic Distortion, RL = 1kΩ to Half Supply,
AV = +1
fC = 100kHz, VO = 4VP-P
fC = 100kHz, VO = 2VP-P
fC = 1MHz, VO = 4VP-P
fC = 1MHz, VO = 2VP-P
fC = 5MHz, VO = 4VP-P
fC = 5MHz, VO = 2VP-P
fC = 10MHz, VO = 2VP-P
–113/–119
–126/–131
–107/–114
–119/–132
–83/–96
–90/–113
–74/–89
dBc
dBc
dBc
dBc
dBc
dBc
dBc
Harmonic Distortion, RL = 100Ω to Half
Supply, AV = +1
fC = 100kHz, VO = 4VP-P
fC = 100kHz, VO = 4VP-P
fC = 1MHz, VO = 4VP-P
fC = 1MHz, VO = 2VP-P
fC = 5MHz, VO = 4VP-P
fC = 5MHz, VO = 2VP-P
fC = 10MHz, VO = 2VP-P
–105/–106
–118/–124
–97/–107
–100/–114
–79/–75
–83/–82
–72/–68
dBc
dBc
dBc
dBc
dBc
dBc
dBc
∆G
Differential Gain (NTSC)
AV = 2, RL = 150Ω
AV = +1, RL = 1kΩ
0.008
0.001
%
%
∆θ
Differential Phase (NTSC)
AV = 2, RL = 150Ω
AV = +1, RL = 1kΩ
0.004
0.09
Deg
Deg
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
l
–105
–290
20
105
290
μV
μV
∆VOS
Input Offset Voltage Match (LTC6229)
l
–140
–400
18
140
400
µV
µV
TCVOS
Input Offset Voltage Drift
l
0.4
μV/°C
IB
Input Bias Current (Note 6)
Bias Cancellation Disabled
l
–40
–44
–16
μA
μA
Bias Cancellation Enabled
l
–3
–4.4
1
3
4.4
μA
μA
∆IB
Input Bias Current Match (LTC6229)
Bias Cancellation Disabled
l
–2
–3
0.3
2
3
µA
µA
Bias Cancellation Enabled
l
–3
–4
0.3
3
4
µA
µA
IOS
Input Offset Current
Bias Cancellation Disabled
l
–0.55
–0.8
0.1
0.55
0.8
μA
μA
Bias Cancellation Enabled
l
–0.9
–1
0.15
0.9
1
μA
μA
∆IOS
Input Offset Current Match (LTC6229)
Bias Cancellation Disabled
l
–1
–1.4
0.15
1
1.4
µA
µA
Bias Cancellation Enabled
l
–1.3
–1.6
0.25
1.3
1.6
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com