Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 17 Page - Analog Devices

Part # LT6237
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6237 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT6237 Datasheet HTML 13Page - Analog Devices LT6237 Datasheet HTML 14Page - Analog Devices LT6237 Datasheet HTML 15Page - Analog Devices LT6237 Datasheet HTML 16Page - Analog Devices LT6237 Datasheet HTML 17Page - Analog Devices LT6237 Datasheet HTML 18Page - Analog Devices LT6237 Datasheet HTML 19Page - Analog Devices LT6237 Datasheet HTML 20Page - Analog Devices LT6237 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LTC6228/LTC6229
17
Rev. B
For more information www.analog.com
Circuit Description
The LTC6228/LTC6229 have an input signal range that
extends from the negative power supply to 1.2V below
the positive power supply. Figure 1 depicts a simplified
schematic of the amplifier. The input stage consists of
PNP transistors Q1 and Q2. At the input stage, devices
Q18 and Q19 act to cancel the bias current of the input
pairwhenbiascancellationisenabled.Bootstraptransistor
Q13 and R5 match the collector and emitter voltages of
Q11 and Q12, thus enhancing gain by improving output
impedance. By making the collector current of Q13 twice
that of Q11 and Q12, the base currents of Q11 and Q12
do not contribute towards mismatch between the collec-
tor currents of Q9 and Q8. This improves DC accuracy. A
pair of complementary common emitter stages, Q15 and
Q14, enables the output to swing to either rail. The SHDN
Interface block translates the SHDN signal into 2 signals,
pwr_dn for powering down the device (by deactivating
current sources I1 - I4) and putting the output in a high
impedance state (by shorting the bases of Q15/Q14 to the
suppliesviaM2andM1),anddisable_bias,whichdisables
the input bias cancellation circuit, by shorting the base of
Q19 to V– through M3.
Input Bias Current
The LTC6228 family has an input bias current of approxi-
mately 16μA. For the LTC6228 and the LTC6229DD10,
the input bias current can be reduced to under 2.5μA at
room temperature when the SHDN pin voltage is taken to
within 350mV of the positive power supply. This capabil-
ity enables the input bias current cancellation circuitry,
allowing the amplifiers to be used in DC applications
involving source impedances.
When input bias current cancellation is enabled and the
input common mode voltage is within approximately
500mV of V–, the bias cancellation is no longer effec-
tive, because transistors Q18 and Q19 in Figure 1 enter
saturation. The input bias current can then exceed 50μA
or higher, which is more than the input bias current
APPLICATIONS INFORMATION
Figure 1. LTC6228 Simplified Schematic Diagram
SHDN
I2
6228 F01
V+
V–
V+
CC
V–
V–
+
Q16
Q15
Q2
Q11
Q1
Q17
Q18
+IN
ESDD1
SHDN
INTERFACE
BLOCK
pwr_dn
pwr_dn
disable_bias
I1
+
pwr_dn
I4
pwr_dn
I3
pwr_dn
pwr_dn
–IN
ESDD4
ESDD6
ESDD5
OUT
V+
V+
V–
ESDD3
ESDD2
D5
D7
Q19
R1
R2
R3
R3
R4
R5
M1
C1
Q10
Q9
Q8
Q14
Q13
Q12
BUFFER
AND
OUTPUT BIAS
C2
M2
pwr_dn
disable_bias
M3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com