Electronic Components Datasheet Search
  English  ▼

X  

LT6237 Datasheet(PDF) 8 Page - Analog Devices

Part # LT6237
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT6237 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT6237 Datasheet HTML 4Page - Analog Devices LT6237 Datasheet HTML 5Page - Analog Devices LT6237 Datasheet HTML 6Page - Analog Devices LT6237 Datasheet HTML 7Page - Analog Devices LT6237 Datasheet HTML 8Page - Analog Devices LT6237 Datasheet HTML 9Page - Analog Devices LT6237 Datasheet HTML 10Page - Analog Devices LT6237 Datasheet HTML 11Page - Analog Devices LT6237 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTC6228/LTC6229
8
Rev. B
For more information www.analog.com
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IOS
Input Offset Current
Bias Cancellation Disabled
l
–0.55
–0.8
0.1
0.55
0.8
μA
μA
Bias Cancellation Enabled
l
–0.9
–1
0.15
0.9
1
μA
μA
∆IOS
Input Offset Current Match (LTC6229)
Bias Cancellation Disabled
l
–1
–1.4
0.15
1
1.4
µA
µA
Bias Cancellation Enabled
l
–1.3
–1.6
0.25
1.3
1.6
µA
µA
en
Input Noise Voltage Spectral Density
f = 1MHz
0.88
nV/√Hz
Integrated 1/f Noise
0.1Hz to 10Hz
0.94
μVP-P
in
Input Current Noise Spectral Density
f = 1MHz Bias Cancellation Disabled
f = 1MHz Bias Cancellation Enabled
3
6.3
pA/√Hz
pA/√Hz
CIN
Input Capacitance
Differential Mode
Common Mode
3.5
1.5
pF
pF
RIN
Input Resistance
Differential Mode
Common Mode
2.6
4
kΩ
MΩ
AVOL
Large Signal Voltage Gain
RL = 1kΩ to Half Supply,
(VOUT = VCM ±1V)
l
118
113
130
dB
dB
RL = 100Ω to Half Supply,
(VOUT = VCM ±1V)
120
dB
CMRR
Common Mode Rejection Ratio
VCM = V– to V+ – 1.2V
l
95
91
110
dB
dB
VCMR
Input Common Mode Range
l
V– – 0.1
V+ – 1.2
V
PSRR+
Positive Power Supply Rejection Ratio
V– = –1V, V+ = 1.8V to 10.75V
l
100
95
110
dB
dB
PSRR–
Negative Power Supply Rejection Ratio
V+ = 1.5V, V– = –1.3V to –10.25V
l
101
99
126
dB
dB
Supply Voltage Range (V+ – V–) (Note 5)
l
2.8
11.75
V
VOL
Output Swing Low (VOUT – V–)
No Load
l
7
10
18
mV
mV
ISINK = 5mA
l
48
74
100
mV
mV
ISINK = 25mA
l
165
320
430
mV
mV
VOH
Output Swing High (VCC – V+)
No Load
l
27
49
59
mV
mV
ISINK = 5mA
l
106
166
213
mV
mV
ISOURCE = 25mA
l
290
520
580
mV
mV
ISC
Output Short-Circuit Current
Sourcing
–67
mA
Sinking
84
mA
IS
Supply Current per Channel
l
16.4
17.6
19
mA
mA
ISD
Disable Supply Current per Channel, Amplifier
Off
VSHDN = V+ – 2.65V
l
260
305
350
μA
μA
The l denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 0V,VCM = 1.5V, VSHDN = floating unless
otherwise noted.
ELECTRICAL CHARACTERISTICS (VS = 3V, 0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com