Electronic Components Datasheet Search
  English  ▼

X  

LTC6362 Datasheet(PDF) 39 Page - Analog Devices

Part # LTC6362
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6362 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTC6362 Datasheet HTML 34Page - Analog Devices LTC6362 Datasheet HTML 35Page - Analog Devices LTC6362 Datasheet HTML 36Page - Analog Devices LTC6362 Datasheet HTML 37Page - Analog Devices LTC6362 Datasheet HTML 38Page - Analog Devices LTC6362 Datasheet HTML 39Page - Analog Devices LTC6362 Datasheet HTML 40Page - Analog Devices LTC6362 Datasheet HTML 41Page - Analog Devices LTC6362 Datasheet HTML 42Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
LTC6363 Family
39
Rev. C
For more information www.analog.com
PACKAGE DESCRIPTION
3.00 ±0.10
(2 SIDES)
2.00 ±0.10
(2 SIDES)
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.40 ±0.10
BOTTOM VIEW—EXPOSED PAD
0.75 ±0.05
R = 0.115
TYP
R = 0.05
TYP
1.35 REF
1
4
8
5
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DCB8) DFN 0106 REV A
0.23 ±0.05
0.45 BSC
PIN 1 NOTCH
R = 0.20 OR 0.25
× 45° CHAMFER
0.25 ±0.05
1.35 REF
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
2.10 ±0.05
0.70 ±0.05
3.50 ±0.05
PACKAGE
OUTLINE
0.45 BSC
1.35 ±0.10
1.35 ±0.05
1.65 ±0.10
1.65 ±0.05
DCB Package
8-Lead Plastic DFN (2mm
× 3mm)
(Reference LTC DWG # 05-08-1718 Rev A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com