Electronic Components Datasheet Search
  English  ▼

X  

LTC6362 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC6362
Description  Precision, Low Power Differential Amplifier/ADC Driver Family
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6362 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC6362 Datasheet HTML 20Page - Analog Devices LTC6362 Datasheet HTML 21Page - Analog Devices LTC6362 Datasheet HTML 22Page - Analog Devices LTC6362 Datasheet HTML 23Page - Analog Devices LTC6362 Datasheet HTML 24Page - Analog Devices LTC6362 Datasheet HTML 25Page - Analog Devices LTC6362 Datasheet HTML 26Page - Analog Devices LTC6362 Datasheet HTML 27Page - Analog Devices LTC6362 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
LTC6363 Family
24
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
Functional Description
The LTC6363 family consists of four fully differential, low
power, low noise, precision amplifiers. The LTC6363 is an
unconstrained, fully differential amplifier, typically used
withfourexternalresistors.TheLTC6363-0.5,LTC6363-1,
and LTC6363-2 (gains of 0.5, 1, and 2 respectively) are
fully-differentialfixedgainblocksfeaturingprecision, laser
trimmed, matched internal resistors for accurate, stable
gain and excellent CMRR. The entire LT6363 family is
optimized to convert a fully differential or single-ended
signal to a low impedance, balanced differential output
suitable for driving high performance, low power differ-
ential sigma-delta or SAR ADCs. The balanced differential
nature of the amplifier also provides even-order harmonic
distortion cancellation, and low susceptibility to common
mode noise (e.g. power supply noise).
The outputs of the LTC6363 family are capable of swing-
ing rail-to-rail and can source up to 90mA or sink up to
40mA of current. The LTC6363 family is optimized for high
bandwidthandlowpowerapplications.Loadcapacitances
above 50pF to ground or 25pF differentially should be
decoupled with 10Ω to 50Ω of series resistance from
each output to prevent oscillation or ringing.
SHDN Pin
TheLTC6363familyhasaSHDNpinwhich,whentiedtoV–or
driven to below VIL, will shut down amplifier operation such
that only 20µA (at VS = 3V) to 70µA (at VS = 10V) is drawn
from the supplies. Pull-down circuitry should be capable of
sinking at least 12µA to guarantee complete shutdown over
all conditions. For normal amplifier operation, the SHDN pin
should be left floating or tied to V+ or driven to above VIH.
General Amplifier Applications
In Figure 1, the gain to VOUTDIFF from VINP and VINM is
given by:
VOUTDIFF = V+OUT − V–OUT ≈
RF
RI
⎛
⎝
⎜
⎜⎜
⎞
⎠
⎟
⎟⎟ • VINP – VINM
(
)
Note from the previous equation, the differential output
voltage(V+OUT–V–OUT)isindependentofinputandoutput
common mode voltages, or the voltage at the common
mode pin. This makes the LTC6363 family ideally suited
Figure 1. Definitions and Terminology
–
+
RF
V–OUT
V+
V–
V+OUT
VOCM
VINP
VINM
VOCM
6363 F01
RF
RI
RI
V–IN
V+IN
+–
VCM +
–
G
= RF
RI
for pre-amplification, pre-attenuation, level shifting and
conversion of single-ended signals to differential output
signals for driving differential input ADCs or other devices.
Output Common Mode and VOCM Pin
The output common mode voltage is defined as the aver-
age of the two outputs:
VOUTCM =
V+OUT + V–OUT
2
⎛
⎝
⎜
⎜
⎞
⎠
⎟
⎟ = VOCM
As the equation shows, the output common mode voltage
is independent of the input common mode voltage, and
is instead determined by the voltage on the VOCM pin, by
means of an internal common mode feedback loop.
The VOCM input connects to the base of a PNP transistor
and an internal resistor divider network. If the VOCM pin
is left open, the resistor divider creates a default voltage
approximately halfway between V+ and V–. The VOCM pin
can be overdriven to another voltage if desired for greater
accuracy or flexibility. For example, when driving an ADC,
if the ADC makes a reference available for setting the
common mode voltage, it can be directly tied to the VOCM
pin, as long as the ADC is capable of driving the 1.8M
input resistance presented by the VOCM pin. The Electrical
Characteristics table specifies the valid range that can be
applied to the VOCM pin (VOUTCMR).
Input Common Mode Voltage Range
For all versions of the LTC6363, the input common mode
voltage range, VICMR, specification refers to the voltage at
the input pins of the part. The input common mode voltage
range of the LTC6363-0.5, LTC6363-1 and LTC6363-2 are
extended beyond that of the LTC6363 due to the resistor
divider action of the on-chip resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com