Electronic Components Datasheet Search
  English  ▼

X  

AD8099 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8099
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8099 Datasheet HTML 14Page - Analog Devices AD8099 Datasheet HTML 15Page - Analog Devices AD8099 Datasheet HTML 16Page - Analog Devices AD8099 Datasheet HTML 17Page - Analog Devices AD8099 Datasheet HTML 18Page - Analog Devices AD8099 Datasheet HTML 19Page - Analog Devices AD8099 Datasheet HTML 20Page - Analog Devices AD8099 Datasheet HTML 21Page - Analog Devices AD8099 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LTC6228/LTC6229
18
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
without input bias cancellation. Additionally when input
bias current cancellation is enabled, the current noise
increases. The decision to use input bias cancellation
should be made with the end application’s specifications
and conditions in mind.
If the SHDN pin is left floating, input bias cancellation is
notenabled,whichmaybesuitableformanyapplications.
Output
The LTC6228 family has excellent output drive capability.
The amplifiers can typically deliver more than 90mA of
output current at a total supply of 10V, and can typically
swing to within 320mV of the supply with load currents
as high as 25mA. As the supply voltage to the amplifier
decreases, the output current capability also decreases.
Attention must be paid to keep the junction temperature
oftheICbelow150°C(refertoPowerDissipationsection)
whentheoutputisincontinuousshort-circuit.Theoutput
of the amplifier has reverse-biased diodes connected to
each supply. If the output is forced beyond either supply,
extremely high currents will flow through those diodes,
which may result in damage to the device.
Input Protection
The LTC6228 has a pair of back to back diodes (D5 and
D7) to prevent the emitter base breakdown of the input
transistors and limit the differential input to ±700mV.
Unlike many other high performance amplifiers, the
bases of the input pair transistors Q1 and Q2 are not
connected to the pins through internal resistors to limit
input current, since doing so would cause the noise to
increase. For instance, a 100Ω resistor in series with
each input generates 1.8nV/√Hz of noise, and the total
amplifier noise voltage would rise from 0.88nV/√Hz to
2nV/√Hz. If the input differential voltage exceeds ±0.7V,
current conducted though the protection diodes D5 and
D7 should be limited to under 10mA. This implies 25Ω of
protectionresistanceperquartervolt(250mV)ofoverdrive
beyond ±0.7V. In addition, the input and shutdown pins
have reverse biased diodes connected to the supplies. The
current in these diodes must be limited to under 10mA.
The amplifiers should not be used as comparators or in
other open loop applications.
ESD
The LTC6228 family has reverse biased ESD protection
diodes on all inputs as shown in Figure 1. There is an
additional clamp between the positive and negative sup-
plies that further protects the device during ESD strikes.
Hot plugging of the device into a powered socket should
be avoided since this can trigger the clamp resulting in
larger currents flowing between the supply pins.
Capacitive Loads
Because the LTC6228/LTC6229 is designed for high
bandwidth applications, the output has not been designed
to drive capacitive loads directly. Load capacitance at the
output creates a non-dominant pole in the open loop fre-
quency response, worsening the phase margin. When
driving capacitive loads, a resistor of 10Ω to 100Ω should
be connected between the amplifier output and the capac-
itive load to avoid ringing or oscillation. The feedback
should be taken directly from the amplifier output. Higher
voltage gain configurations tend to have better capaci-
tive drive capability than lower gain configurations due
to lower closed loop bandwidth. The graphs titled Series
Output Resistor vs Capacitive Load demonstrate the tran-
sient response of the amplifier when driving capacitive
loads with various series resistors.
Feedback Components
When feedback resistors are used to set up gain, care
must be taken to ensure that the non-dominant pole
formed by the feedback resistors and the parasitic capaci-
tance at the inverting input does not degrade stability. For
example if the amplifier is set up in a gain of +2 configu-
ration with gain and feedback resistors of 1k, a parasitic
capacitance of 7pF (device + PC board) at the amplifier’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com