Electronic Components Datasheet Search
  English  ▼

X  

AD8099 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8099
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8099 Datasheet HTML 16Page - Analog Devices AD8099 Datasheet HTML 17Page - Analog Devices AD8099 Datasheet HTML 18Page - Analog Devices AD8099 Datasheet HTML 19Page - Analog Devices AD8099 Datasheet HTML 20Page - Analog Devices AD8099 Datasheet HTML 21Page - Analog Devices AD8099 Datasheet HTML 22Page - Analog Devices AD8099 Datasheet HTML 23Page - Analog Devices AD8099 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
LTC6228/LTC6229
20
Rev. B
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 3.
Stray capacitances at the –IN and +IN pins should be
made as low as possible to reduce stability degradation.
For example, ground or supply planes on a PCB should
not encompass the areas just beneath the input pins.
For single supply applications, it is recommended that high
quality 0.1µF||1000pF ceramic bypass capacitors be placed
directly between each V+ pin and its closest V– pin with
short connections. The V– pins (including the Exposed Pad)
should be tied directly to a low impedance ground plane
with minimal routing. For dual (split) power supplies, it is
recommended that additional high quality 0.1µF||1000pF
ceramic capacitors be used to bypass V+ pins to ground
and V– pins to ground, again with minimal routing.
Noise Considerations
The ultralow input referred voltage noise of 0.88nV/√Hz is
equivalent to that of a 47Ω resistor at room temperature.
As with all BJT input amplifiers, lowering input referred
voltage noise is achieved by increasing the collector cur-
rent of the input differential pair, which increases the input
referred current noise.
Op amp input referred noise dominates the input referred
noise of the gain stage when
REQ << en2/4KT
Resistor noise dominates the input referred noise of the
gain stage when
REQ >> en2/4KT and REQ << 4KT/in2
Op amp input referred current noise dominates the input
referred noise when
REQ >> 4kT/in2
To summarize, initially en dominates for low resistance val-
ues. As the resistance increased, resistor noise starts to
dominate, then on further increase current noise dominates.
With an input referred voltage noise spectral density of
0.88nV/Hz and an input referred current noise of 3pA/Hz
(bias cancellation disabled), it is easy to see that the gain
stage’s input referred noise is dominated by op amp volt-
age noise when REQ << 47Ω and by resistor noise when
55Ω << REQ << 1.8kΩ.
Above an REQ of 1.8kΩ, input referred current noise
dominates.
Distortion/Noise Trade-Off
As evident from the previous section, gain stage noise
can be reduced by reducing REQ. However, reducing REQ,
by reducing RF and RG, has its disadvantages. In addition
to increasing power dissipation in the presence of large
output signals, the use of smaller resistors for a given
gain results in increased distortion, because the internal
nonlinearities of the op amp worsen with increasing load
current. In addition, smaller resistors decrease op amp
gain and hence can affect bandwidth. The disadvantage,
however of making the resistors too large is that parasitic
capacitance can start to affect the gain at high frequen-
cies. Hence when designing a system using the LTC6228,
it is recommended that the resistor values be limited only
by the system noise requirements, with the caveat that the
effect of the impedances parasitic capacitances shouldn’t
affect the gain below the intended bandwidth. For exam-
ple, for a feedback resistor of 5k, a parasitic capacitor of
400fF will impact gain at frequencies above 79MHz.
6228 F03
RF
RG
LTC6228
RS1 en
in
in
Figure 3 shows the LTC6228 in a typical gain configuration.
As can be seen, the input referred noise spectral density
of the gain stage (eT) can be calculated by the following
equations:
eT2 = en2 + in2REQ2 + 4KTREQ
Where
REQ = RS1 + RG||RF
opamp
voltage
noise
opamp
current
noise
resistor
thermal
noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com