Electronic Components Datasheet Search
  English  ▼

X  

AD8099 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8099
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8099 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8099 Datasheet HTML 19Page - Analog Devices AD8099 Datasheet HTML 20Page - Analog Devices AD8099 Datasheet HTML 21Page - Analog Devices AD8099 Datasheet HTML 22Page - Analog Devices AD8099 Datasheet HTML 23Page - Analog Devices AD8099 Datasheet HTML 24Page - Analog Devices AD8099 Datasheet HTML 25Page - Analog Devices AD8099 Datasheet HTML 26Page - Analog Devices AD8099 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
LTC6228/LTC6229
23
Rev. B
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 10. Wideband Differential to Single-Ended Converter
Figure 11. Frequency Response of Differential to
Single-Ended Converter
Figure 12. Common Mode Gain vs Frequency
Figure 13. Pulse Response of the Differential to Single-Ended Converter
6228 F10
CF1
18pF
R1
200
R7
348
R3
49.9
R5
150
R4
100
R6
49.9
RO1
49.9
CF2
18pF
VOUT
VIN1
VIN2
–5V
–
+
LTC6228
5V
Wideband Differential to Single-Ended Converter
The combination of high slew rate and bandwidth enables
the LTC6228 to be used as a translator for large signals
at high frequencies.
Figure 10 shows the implementation of a wide band, dif-
ferential to single-ended converter with a gain of –6dB
using just one LTC6228. Figure 11 shows the frequency
response of the circuit for a differential input of 2VP-P. The
bandwidth obtained was 50MHz. The common mode gain
of the driver is shown in Figure 12, and is limited by the
matching between the resistors in the circuit. Figure 13
shows the response of the driver to a 1VP-P differential
square wave signal.
FREQUENCY(Hz)
100kHz
0
–27
–3
–9
–15
–21
–6
–12
–18
–24
–30
100MHz
1MHz
6228 F11
10MHz
FREQUENCY (Hz)
6228 F12
100k
100M
10M
1M
10
–80
0
–20
–40
–60
–10
–30
–50
–70
–90
USING 1% RESISTORS
200ns/DIV
100mV/DIV
6228 F13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com